Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE610 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 12Page - STMicroelectronics STMPE610 Datasheet HTML 13Page - STMicroelectronics STMPE610 Datasheet HTML 14Page - STMicroelectronics STMPE610 Datasheet HTML 15Page - STMicroelectronics STMPE610 Datasheet HTML 16Page - STMicroelectronics STMPE610 Datasheet HTML 17Page - STMicroelectronics STMPE610 Datasheet HTML 18Page - STMicroelectronics STMPE610 Datasheet HTML 19Page - STMicroelectronics STMPE610 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
STMPE610 registers
STMPE610
16/56
Doc ID 15432 Rev 3
6
STMPE610 registers
This section lists and describes the registers of the STMPE610 device, starting with a
register map and then provides detailed descriptions of register types.
Table 11.
Register summary map table
Address
Register name
Bit
Type
Reset value
Function
0x00
CHIP_ID
16
R
0x0811
Device identification
0x02
ID_VER
8
R
0x03
Revision number
0x01 for engineering sample
0x03 for final silicon
0x03
SYS_CTRL1
8
R/W
0x00
Reset control
0x04
SYS_CTRL2
8
R/W
0x0F
Clock control
0x08
SPI_CFG
8
R/W
0x01
SPI interface configuration
0x09
INT_CTRL
8
R/W
0x00
Interrupt control register
0x0A
INT_EN
8
R/W
0x00
Interrupt enable register
0x0B
INT_STA
8
R
0x10
interrupt status register
0x0C
GPIO_EN
8
R/W
0x00
GPIO interrupt enable
register
0x0D
GPIO_INT_STA
8
R
0x00
GPIO interrupt status
register
0x0E
ADC_INT_EN
8
R/W
0x00
ADC interrupt enable
register
0x0F
ADC_INT_STA
8
R
0x00
ADC interrupt status register
0x10
GPIO_SET_PIN
8
R/W
0x00
GPIO set pin register
0x11
GPIO_CLR_PIN
8
R/W
0x00
GPIO clear pin register
0x12
GPIO_MP_STA
8
R/W
0x00
GPIO monitor pin state
register
0x13
GPIO_DIR
8
R/W
0x00
GPIO direction register
0x14
GPIO_ED
8
R/W
0x00
GPIO edge detect register
0x15
GPIO_RE
8
R/W
0x00
GPIO rising edge register
0x16
GPIO_FE
8
R/W
0x00
GPIO falling edge register
0x17
GPIO_AF
8
R/W
0x00
Alternate function register
0x20
ADC_CTRL1
8
R/W
0x9C
ADC control
0x21
ADC_CTRL2
8
R/W
0x01
ADC control
0x22
ADC_CAPT
8
R/W
0xFF
To initiate ADC data
acquisition
0x30
ADC_DATA_CH0
16
R
0x0000
ADC channel 0
0x32
ADC_DATA_CH1
16
R
0x0000
ADC channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com