Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE610 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 28Page - STMicroelectronics STMPE610 Datasheet HTML 29Page - STMicroelectronics STMPE610 Datasheet HTML 30Page - STMicroelectronics STMPE610 Datasheet HTML 31Page - STMicroelectronics STMPE610 Datasheet HTML 32Page - STMicroelectronics STMPE610 Datasheet HTML 33Page - STMicroelectronics STMPE610 Datasheet HTML 34Page - STMicroelectronics STMPE610 Datasheet HTML 35Page - STMicroelectronics STMPE610 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Touchscreen controller
STMPE610
32/56
Doc ID 15432 Rev 3
TSC_CFG
Touchscreen controller configuration register
Address:
0x41
Type:
R/W
Buffer:
Reset:
Description:
Touchscreen controller configuration register.
76
543
2
1
0
AVE_CTRL_1 AVE_CTRL_0
TOUCH_DET
_DELAY_2
TOUCH_DET
_DELAY_1
TOUCH_DET
_DELAY_0
SETTLING_2
SETTLING_1
SETTLING_0
[7:6] AVE_CTRL_1/0: Average control
00=1 sample
01=2 samples
10=4 samples
11=8 samples
[5:3] TOUCH_DET_DELAY_2/1/0: Touch detect delay
000 - 10 µs
001 - 50 µs
010 = 100 µs
011 = 500 µs
100=1ms
101=5ms
110 = 10 ms
111 = 50 ms
[2:0] SETTLING: Panel driver settling time(1)
000 = 10 µs
001 = 100 µs
010 = 500 µs
011=1ms
100=5ms
101 = 10 ms
110 = 50 ms
111=100ms
1. For large panels (> 6”), a capacitor of 10 nF is recommended at the touchscreen terminals for noise filtering.
In this case, settling time of 1 ms or more is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com