Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F46J50 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F46J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J50 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F46J50 Datasheet HTML 1Page - Microchip Technology PIC18F46J50 Datasheet HTML 2Page - Microchip Technology PIC18F46J50 Datasheet HTML 3Page - Microchip Technology PIC18F46J50 Datasheet HTML 4Page - Microchip Technology PIC18F46J50 Datasheet HTML 5Page - Microchip Technology PIC18F46J50 Datasheet HTML 6Page - Microchip Technology PIC18F46J50 Datasheet HTML 7Page - Microchip Technology PIC18F46J50 Datasheet HTML 8Page - Microchip Technology PIC18F46J50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2010 Microchip Technology Inc.
DS80436C-page 3
PIC18F46J50 FAMILY
Silicon Errata Issues
1. Module: Master Synchronous Serial Port
(MSSP1)
If the LATB<5> or LATB<4> bit is set, the
MSSP1 module will not work correctly in the
I2C™ modes. If both LATB<5> and LATB<4>
are clear, the module will work normally.
Work around
Clear the bits, LATB<5:4>, prior to enabling the
MSSP1 module in an I2C mode. Keep these bits
clear while using the module.
For operation in I2C modes, the TRISB<5:4>
bits should be set.
Affected Silicon Revisions
2. Module: Master Synchronous Serial Port
(MSSP)
In extremely rare cases, when configured for I2C™
slave reception, the MSSP module may not receive
the correct data. This occurs only if the Serial
Receive/Transmit Buffer Register (SSPxBUF) is not
read within a window after the SSPxIF interrupt
has occurred.
Work around
The issue can be resolved in either of these ways:
• Prior to the I2C slave reception, enable the
clock stretching feature.
This is done by setting the SEN bit
(SSPxCON2<0>).
• Each time the SSPxIF is set, read the
SSPxBUF before the first rising clock edge of
the next byte being received.
Affected Silicon Revisions
Note:
This document summarizes all silicon
errata issues from all revisions of silicon,
previous as well as current. Only the
issues indicated by the shaded column in
the following tables apply to the current
silicon revision (Rev. A4).
A2
A4
X
A2
A4
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com