Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F46J50 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC18F46J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J50 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC18F46J50 Datasheet HTML 2Page - Microchip Technology PIC18F46J50 Datasheet HTML 3Page - Microchip Technology PIC18F46J50 Datasheet HTML 4Page - Microchip Technology PIC18F46J50 Datasheet HTML 5Page - Microchip Technology PIC18F46J50 Datasheet HTML 6Page - Microchip Technology PIC18F46J50 Datasheet HTML 7Page - Microchip Technology PIC18F46J50 Datasheet HTML 8Page - Microchip Technology PIC18F46J50 Datasheet HTML 9Page - Microchip Technology PIC18F46J50 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PIC18F46J50 FAMILY
DS80436C-page 6
 2010 Microchip Technology Inc.
6. Module: Low-Power Modes (Deep Sleep)
Entering Deep Sleep mode takes approximately
2TCY, following the SLEEP instruction. Wake-up
events that occur during this Deep Sleep entry
period may not generate a wake-up event.
Work around
If using the RTCC alarm for Deep Sleep wake-up,
code should only enter Deep Sleep mode when
the RTCC Value registers read synchronization bit
(RTCCFG<4>) is clear.
This will prevent missing an RTCC alarm that
could occur during the period after the SLEEP
instruction, but before the Deep Sleep mode has
not been fully entered.
The revision A4 silicon allows insertion of a single
instruction between setting the Deep Sleep Enable
bit (DSEN, DSCONH<7>) and issuing the SLEEP
instruction (see Example 2). The insertion of a NOP
instruction before the SLEEP instruction eliminates
the 2 TCY window where wake-up events could be
missed.
Before using this work around, users should check
their device’s revision ID bits to verify that they
have the A4 silicon. This can be done at run time
by a table read from address, 3FFFFEh.
On revision A2 silicon devices, the instruction can-
not be inserted between setting the DSEN bit and
executing the SLEEP instruction or the device will
enter conventional Sleep mode, not Deep Sleep.
Even on A4 silicon devices, if the firmware imme-
diately executes SLEEP after setting DSEN, the
device will enter Deep Sleep mode without
benefitting from this work around.
Affected Silicon Revisions
EXAMPLE 2:
DEEP-SLEEP WAKE-UP WORK AROUND
EnterDeepSleep:
bsf
DSCONH, DSEN
; Enter Deep Sleep mode on SLEEP instruction
nop
; Not compatible with A2 silicon
sleep
; Enter Deep Sleep mode
(…)
; Add code here to handle wake up events that may
; have been asserted prior to Deep Sleep entry
goto
EnterDeepSleep
; re-attempt Deep Sleep entry if desired
A2
A4
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com