Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F46J50 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC18F46J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J50 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC18F46J50 Datasheet HTML 3Page - Microchip Technology PIC18F46J50 Datasheet HTML 4Page - Microchip Technology PIC18F46J50 Datasheet HTML 5Page - Microchip Technology PIC18F46J50 Datasheet HTML 6Page - Microchip Technology PIC18F46J50 Datasheet HTML 7Page - Microchip Technology PIC18F46J50 Datasheet HTML 8Page - Microchip Technology PIC18F46J50 Datasheet HTML 9Page - Microchip Technology PIC18F46J50 Datasheet HTML 10Page - Microchip Technology PIC18F46J50 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 2010 Microchip Technology Inc.
DS80436C-page 7
PIC18F46J50 FAMILY
7. Module: DC Characteristics (Supply
Voltage)
The minimum operating voltage (VDD) parameter
(D001) for “F” devices is 2.25V. For “LF” devices
(such as the PIC18LF46J50), the minimum rated
VDD operating voltage is 2.0V.
Work around
None.
Affected Silicon Revisions
8. Module: Analog-to-Digital Converter
(Band Gap Reference)
At high VDD voltages (ex: >2.5V), performing an
ADC conversion on Channel 15 (the VBG absolute
reference) can temporarily disturb the reference
voltage supplied to the HLVD module and compar-
ator module (only when configured to use the
VIRV). At lower VDD voltages, the disturbance will
be less or non-existent.
Work around
If precise HLVD or comparator VIRV thresholds are
required at high VDD voltages, avoid performing
ADC conversions on Channel 15 while simultane-
ously using the HLVD or comparator VIRV. If an
ADC conversion is performed on Channel 15, a
settling time of approximately 100
s is needed
before the reference voltage fully returns to the
original value.
Affected Silicon Revisions
9. Module: Charge Time Measurement Unit
(CTMU)
On an “F” device, the CTMU current source will stop
sourcing current if the applied VDD voltage falls
below the LVDSTAT (WDTCON<6>) threshold
(2.45V nominal). When VDD is above the LVDSTAT
threshold, the CTMU will function normally. This
issue does not apply to “LF” devices. The current
source will continue to function normally at all rated
voltages for these devices.
Work around
None
Affected Silicon Revisions
A2
A4
X
A2
A4
X
X
A2
A4
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com