Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F46J50 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC18F46J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J50 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC18F46J50 Datasheet HTML 4Page - Microchip Technology PIC18F46J50 Datasheet HTML 5Page - Microchip Technology PIC18F46J50 Datasheet HTML 6Page - Microchip Technology PIC18F46J50 Datasheet HTML 7Page - Microchip Technology PIC18F46J50 Datasheet HTML 8Page - Microchip Technology PIC18F46J50 Datasheet HTML 9Page - Microchip Technology PIC18F46J50 Datasheet HTML 10Page - Microchip Technology PIC18F46J50 Datasheet HTML 11Page - Microchip Technology PIC18F46J50 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PIC18F46J50 FAMILY
DS80436C-page 8
 2010 Microchip Technology Inc.
Data Sheet Clarifications
The following typographic corrections and clarifications
are to be noted for the latest version of the Device Data
Sheet (DS39931C):
1. Module: Special Features (CONFIG2L)
The “T1DIG” feature mentioned in the Device
Data Sheet (DS39931C) is not implemented in
this device family. The feature, associated with
bit 3 of the CONFIG2L Configuration register, is
discussed in Section 26.1 “Configuration
Bits” and Section 2.5.1 “Oscillator Control
Register”.
For application firmware to switch to the Timer1
clock source, it must first enable the crystal
driver by setting the T1OSCEN bit (T1CON<3>).
The microcontroller will ignore attempts to clock
switch to the Timer1 clock source when the
crystal driver is disabled.
2. Module: DC Characteristics
(Power-Down Current)
Section 29.2 “DC Characteristics: Power-
Down and Supply Current” lists the maximum
Power-Down (IPD) Sleep mode current for
PIC18FXXJ50 devices, operating at VDD = 2.15V
and -40°C, and 25°C at 5
A.
The correct maximum is 6
A.
3. Module: DC Characteristics (Input
Leakage)
In Table 29-7 USB Module Specifications,
electrical parameter D314 indicates the D+ and
D- pin leakage is +/-0.2
A maximum. The
updated specification is +/-0.5
A maximum,
over the -40°C to +85°C temperature range.
The input leakage specification for all other I/O
pins remains unchanged at the +/-0.2
A maxi-
mum level, as indicated by electrical parameters
D060, D061 and D063 (IIL), in Section 29.3 “DC
Characteristics”.
Note:
Corrections are shown in bold. Where
possible, the original bold text formatting
has been removed for clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com