Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA589 Datasheet(PDF) 8 Page - Sames

Part # SA589
Description  LD/DTMF SWITCHABLE DIALLERS WITH DEDICATED KEYS FOR 20 MEMORIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA589 Datasheet(HTML) 8 Page - Sames

Back Button SA589 Datasheet HTML 4Page - Sames SA589 Datasheet HTML 5Page - Sames SA589 Datasheet HTML 6Page - Sames SA589 Datasheet HTML 7Page - Sames SA589 Datasheet HTML 8Page - Sames SA589 Datasheet HTML 9Page - Sames SA589 Datasheet HTML 10Page - Sames SA589 Datasheet HTML 11Page - Sames SA589 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SA589 FAMILY
sames
8/14
Oscillator Circuit
This requires an external 560kHz ceramic resonator connected between OSC IN and OSC
OUT to provide a timing reference for all chip functions. No other components are required
or should be used.
The oscillator circuit is of the 'single pin' type. Internally, the OSC IN pin is connected to V
SS
and therefore the resonator may alternatively be connected externally between OSC OUT and
V
SS if desired.
Please consult your resonator supplier who will recommend a suitable resonator type.
Tone Filtering
The spectral purity of the DTMF output is sufficient for most applications. However, where
lower distortion DTMF tones are required, an on-chip darlington pair is provided (accessible
via pins 7 & 8) for use in a low pass active filter.
Fig. 4 shows how a 2-pole Sallen and Key filter can be implemented. The typical component
values have been chosen to give a second order Butterworth response with a cut-off frequency
of about 3,5kHz and a nominal pass-band insertion loss of 0.5dB.
DTMF DIALLING
During DTMF dialling the MUTE output goes to logic '1' and remains there for the duration of
the tone transmission.
The IMP output remains low during tone transmission. The MF OUT output rises to its DC level
of 0.9 V
DD at the start of the tone transmission and is kept there between tone bursts. This is
to avoid transients at the beginning and end of tone bursts.
The maximum rate at which tones are sent to line is 100ms on, followed by 100ms off (unless
specified otherwise). If keys are activated faster than this they are placed in a temporary store
and then sent to line at the maximum rate. Dialling from the LNR memory occurs at the
maximum rate.
If a key is held down for longer than the minimum Tone Burst period, the tone output will
continue until the key is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com