Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA589 Datasheet(PDF) 10 Page - Sames

Part # SA589
Description  LD/DTMF SWITCHABLE DIALLERS WITH DEDICATED KEYS FOR 20 MEMORIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA589 Datasheet(HTML) 10 Page - Sames

Back Button SA589 Datasheet HTML 6Page - Sames SA589 Datasheet HTML 7Page - Sames SA589 Datasheet HTML 8Page - Sames SA589 Datasheet HTML 9Page - Sames SA589 Datasheet HTML 10Page - Sames SA589 Datasheet HTML 11Page - Sames SA589 Datasheet HTML 12Page - Sames SA589 Datasheet HTML 13Page - Sames SA589 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SA589 FAMILY
sames
10/14
TABLE 3: Tone Frequencies
Keypad
R1
R2
R3
R4
C1
C2
C3
C4
Nominal frequency (Hz)
697
770
852
941
1209
1336
1477
1633
Deviation from nominal (%)
-0.07
-0.10 +0.19 -0.15 -0.17
-0.20
-0.22
-0.31
NOTE:
There will be an additional frequency error caused by any deviation of the resonator
frequency from the nominal 560kHz.
LOOP DISCONNECT DIALLING
The MASK output is provided in order to disable the speech circuit during LD dialling.
Consequently the MASK output is normally at logic '1' in the off-hook condition, but changes
to logic '0' during LD dialling. MASK also changes to logic '0' in order to signal a Timed Break
Recall (Flash) to the line.
Both MUTE and MF OUT remain low during LD dialling. LD dialling is signalled on the IMP
output. A break is signalled by a logic '0'. Make periods and IDP times are signalled by a logic
'1'. When not dialling, the IMP output sits at logic '0'.
Fig. 6 LD mode timing diagram
KEY PRESS
COLUMN
ROW
MASK
IMP
MUTE(LOW)
MF OUT
"5"
"8"
"TBR"
"IDP"
2.2340
ON HOOK TIME OUT
HOOK SWITCH
"5"
"8"
DR-00688
"9"
(PARTIAL)
"9"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com