Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA589 Datasheet(PDF) 1 Page - Sames

Part # SA589
Description  LD/DTMF SWITCHABLE DIALLERS WITH DEDICATED KEYS FOR 20 MEMORIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA589 Datasheet(HTML) 1 Page - Sames

  SA589 Datasheet HTML 1Page - Sames SA589 Datasheet HTML 2Page - Sames SA589 Datasheet HTML 3Page - Sames SA589 Datasheet HTML 4Page - Sames SA589 Datasheet HTML 5Page - Sames SA589 Datasheet HTML 6Page - Sames SA589 Datasheet HTML 7Page - Sames SA589 Datasheet HTML 8Page - Sames SA589 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
sames
4120
PDS039-SA589-001
REV. C
09-03-1995
LD/DTMF SWITCHABLE DIALLERS
WITH DEDICATED KEYS FOR 20 MEMORIES
FEATURES
n Selectable Loop-Disconnect or DTMF
Modes
n Keypad Switchable LD to DTMF
n 20 x 24-Digit Memories, (each with
Dedicated Key)
n 24 Digit Last Number Redial
n Selectable Make/Break Ratios 2:1 and 3:2
DESCRIPTION
The SA589 family are keypad switchable LD/
DTMF dialler devices with a last number
redial facility and twenty 24-digit memories
each with its own dedicated dialling key.
Three operating modes are available: LD
only mode, DTMF only mode and LD mode
with the ability to switch temporarily to DTMF
mode from the keypad during a call. This last
mode enables subscribers to access such
services as home banking. Mixed LD and
DTMF numbers can also be stored in memory.
The SA589 devices are pin compatible with
the SAMES switchable dialler families SA541,
SA545, SA585, SA587 and SA588 - providing
a complete range of telephone features within
a single PCB and circuit design. Metal mask
and pin selectable options are available to
service specific requirements of particular
countries and customers.
n Uses Inexpensive 560kHz Ceramic
Resonator
n Batteryless operation - Low Power CMOS
n Mask Programmable Options to suit
application
n Timed Break Recall (Flash) and Earth
Recall
FIG. 1 PIN CONNECTIONS
SA589
Package:
DIP28
1/14
MASK
DR-00684
ROW5
14
V
V
SS
DD
HSW
PAUSE OUT
13
12
10
11
6
7
8
9
OSC OUT
OSC IN
FILT IN
FILT OUT
15
ROW6
19
18
17
16
COL1
MFOUT
MUTE
COL7
23
22
20
ROW1
21
COL2
ROW2
COL3
SA589
1
NC
2
3
4
5
SELECT
COL6
IMP
28
ROW7
27
26
25
24
COL4
COL5
ROW4
ROW3


Similar Part No. - SA589

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA58 PANJIT-SA58 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA58 WTE-SA58 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA58 BYTES-SA58 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA58 DCCOM-SA58 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA58 EIC-SA58 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA589

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3310 PHILIPS-PCD3310 Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
logo
Rohm
BU8874 ROHM-BU8874 Datasheet
180Kb / 10P
DTMF receiver for telephones
logo
Sames
SA541 SAMES-SA541 Datasheet
276Kb / 16P
PULSE/DTMF SWITCHABLE DIALLERS
SA545 SAMES-SA545 Datasheet
329Kb / 18P
PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
logo
Sanyo Semicon Device
LC7363J SANYO-LC7363J Datasheet
284Kb / 12P
DTMF/PULSE Switchable Dialer
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
DTMF/PULSE Switchable Dialer
LC7367J SANYO-LC7367J Datasheet
286Kb / 12P
DTMF/PULSE Switchable Dialer
LC7368J SANYO-LC7368J Datasheet
257Kb / 13P
Switchable DTMF/Pulse Dialer
LC73711N SANYO-LC73711N Datasheet
244Kb / 11P
Switchable DTMF/Pulse Dialer with Memory
logo
List of Unclassifed Man...
HM9121 ETC1-HM9121 Datasheet
185Kb / 1P
TONE/PULSE SWITCHABLE & 20 MEMORIES DIALER WITH HANDFREE CONTROL & PAGE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com