Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW54NM65N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW54NM65N
Description  N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW54NM65N Datasheet(HTML) 1 Page - STMicroelectronics

  STW54NM65N Datasheet HTML 1Page - STMicroelectronics STW54NM65N Datasheet HTML 2Page - STMicroelectronics STW54NM65N Datasheet HTML 3Page - STMicroelectronics STW54NM65N Datasheet HTML 4Page - STMicroelectronics STW54NM65N Datasheet HTML 5Page - STMicroelectronics STW54NM65N Datasheet HTML 6Page - STMicroelectronics STW54NM65N Datasheet HTML 7Page - STMicroelectronics STW54NM65N Datasheet HTML 8Page - STMicroelectronics STW54NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2009
Rev 2
1/12
12
STW54NM65N
N-channel 650 V, 0.054
Ω, 50 A MDmesh™ II Power MOSFET
TO-247
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
This series of devices is designed using the
second generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the STMicroelectronics’ strip
layout to yield one of the world’s lowest on-
resistance and gate charge. It is therefore suitable
for the most demanding high efficiency
converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
max
ID
STW54NM65N
710 V
< 0.065
50 A
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STW54NM65N
54NM65N
TO-247
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STW54NM65N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW54NM65N ISC-STW54NM65N Datasheet
350Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW54NM65ND STMICROELECTRONICS-STW54NM65ND Datasheet
550Kb / 13P
N-channel 650 V, 0.055 廓, 49 A TO-247 FDmesh??II Power MOSFET
03-Jun-2011
logo
Inchange Semiconductor ...
STW54NM65ND ISC-STW54NM65ND Datasheet
417Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW54NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
03-Feb-2011
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
14-Oct-2011
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
05-May-2011
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
12-Jun-2009
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF11NM65N STMICROELECTRONICS-STF11NM65N Datasheet
1Mb / 21P
N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
15-Jul-2013
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
05-Mar-2013
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
13-Aug-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com