Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5602D Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5602D Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
Electrical characteristics
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
23
NOTE
SRAM data retention is guaranteed with VDD_LV not below 1.08 V.
Table 9. Recommended operating conditions (5.0 V)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR — Digital ground on VSS_HV pins
—
0
0
V
VDD
1
SR — Voltage on VDD_HV pins with respect to ground
(VSS)
—4.5
5.5
V
Voltage drop2
3.0
5.5
VSS_LV
3
SR — Voltage on VSS_LV (low voltage digital supply) pins
with respect to ground (VSS)
—VSS  0.1 VSS +0.1
V
VDD_BV
4
SR — Voltage on VDD_BV pin (regulator supply) with
respect to ground (VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD VDD  0.1 VDD +0.1
VSS_ADC SR — Voltage on VSS_HV_ADC (ADC reference) pin with
respect to ground (VSS
—VSS  0.1 VSS +0.1
V
VDD_ADC
5 SR — Voltage on VDD_HV_ADC pin (ADC reference) with
respect to ground (VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD VDD  0.1 VDD +0.1
VIN
SR — Voltage on any GPIO pin with respect to ground
(VSS)
—VSS  0.1
—
V
Relative to VDD
—VDD +0.1
IINJPAD
SR — Injected input current on any pin during overload
condition
—
55
mA
IINJSUM
SR — Absolute sum of all injected input currents during
overload condition
—
50
50
TVDD
SR — VDD slope to ensure correct power up
6
—
TBD
0.25
V/µs
TA
SR — Ambient temperature under bias
fCPU  48 MHz
40
125
°C
TJ
SR — Junction temperature under bias
—
40
150
1 100 nF capacitance needs to be provided between each V
DD/VSS pair.
2 Full device operation is guaranteed by design when the voltage drops below 4.5 V down to 3.6 V. However, certain
analog electrical characteristics will not be guaranteed to stay within the stated limits.
3 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair.
4 470 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
5 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
6 Guaranteed by device validation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com