Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5602D Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5602D Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
62
4.18.2
DSPI characteristics
Table 40. DSPI characteristics1
1 Operating conditions: C
OUT = 10 to 50 pF, Slew
IN = 3.5 to 15 ns.
No.
Symbol
C
Parameter
DSPI0/DSPI1
Unit
Min
Typ
Max
1tSCK
SR
D SCK cycle time
Master mode
(MTFE = 0)
125
—
—
ns
D
Slave mode
(MTFE = 0)
125
—
—
D
Master mode
(MTFE = 1)
83
—
—
D
Slave mode
(MTFE = 1)
83
—
—
—fDSPI
SR
D DSPI digital controller frequency
—
—
fCPU
MHz
—
t
CSC
CC
D Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode
Master mode
—
—
1302
2 Maximum is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM pad.
ns
—
t
ASC
CC
D Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode for CSn1
1
Master mode
—
—
130(2)
ns
2tCSCext
3
3 The t
CSC delay value is configurable through a register. When configuring tCSC (using PCSSCK and CSSCK fields
in DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
t
CSC to ensure
positive tCSCext.
SR
D CS to SCK delay
Slave mode
32
—
—
ns
3tASCext
4
SR
D After SCK delay
Slave mode
1/fDSPI + 5
—
—
ns
4tSDC
CC
D SCK duty cycle
Master mode
—
tSCK/2
—
ns
SR
D
Slave mode
tSCK/2
—
—
5tA
SR
D Slave access time
—
1/fDSPI +70
—
—
ns
6tDI
SR
D Slave SOUT disable time
—
7
—
—
ns
9tSUI
SR
D Data setup time for inputs
Master mode
43
—
—
ns
Slave mode
5
—
—
10
tHI
SR
D Data hold time for inputs
Master mode
0
—
—
ns
Slave mode
25
——
11
tSUO
6
CC
D Data valid after SCK edge
Master mode
—
—
32
ns
Slave mode
—
—
52
12
tHO
(6)
CC
D Data hold time for outputs
Master mode
0
—
—
ns
Slave mode
8
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com