Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5602D Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5602D Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
Electrical characteristics
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
43
4.11.3
Start-up/Switch-off timings
4.12
Electromagnetic compatibility (EMC) characteristics
Susceptibility tests are performed on a sample basis during product characterization.
Table 27. Flash power supply DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min Typ Max
ICFREAD CC D Sum of the current consumption on
VDDHV and VDDBV on read access
Flash module read
fCPU = 48 MHz
Code Flash —
—
33
mA
IDFREAD
Data Flash
—
—
4
ICFMOD CC D Sum of the current consumption on
VDDHV and VDDBV on matrix
modification (program/erase)
Program/Erase on-going
while reading Flash registers,
fCPU = 48 MHz
Code Flash —
—
33
mA
IDFMOD
Data Flash
—
—
6
IFLPW CC D Sum of the current consumption on
VDDHV and VDDBV during
Flash low-power mode
—
Code Flash —
—
910
µA
ICFPWD CC D Sum of the current consumption on
VDDHV and VDDBV during
Flash power-down mode
—
Code Flash —
—
125
µA
IDFPWD
Data Flash
—
—
25
Table 28. Start-up time/Switch-off time
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
TFLARSTEXIT CC T Delay for Flash module to exit reset mode
Code Flash
—
—
125
µs
Data Flash
—
—
150
TFLALPEXIT
CC T Delay for Flash module to exit low-power
mode2
2 Data Flash does not support low-power mode
Code Flash
—
—
0.5
TFLAPDEXIT
CC T Delay for Flash module to exit power-down
mode
Code Flash
—
—
30
Data Flash
303
3 If Code Flash is already switched-on.
TFLALPENTRY CC T Delay for Flash module to enter low-power
mode
Code Flash
—
—
0.5
TFLAPDENTRY CC T Delay for Flash module to enter
power-down mode
Code Flash
—
—
1.5
Data Flash
—
—
4(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com