Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5602D Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5602D Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
58
tADC_S CC T Sample time
5
VDD = 3.3 V
fADC = 20 MHz,
INPSAMP = 12
600
—
—
ns
T Sample time5
VDD = 5.0 V
fADC = 32 MHz,
INPSAMP = 17
500
—
—
T Sample time5
VDD = 3.3 V
fADC = 3.33 MHz,
INPSAMP = 255
—
—
76.2
µs
T Sample time5
VDD = 5.0 V
fADC = 3.33 MHz,
INPSAMP = 255
——
76.2
tADC_C CC P Conversion time
6
VDD = 3.3 V
fADC = 20 MHz,
INPCMP = 0
2.4
—
—
µs
P Conversion time6
VDD = 5.0 V
fADC = 13.33 MHz,
INPCMP = 0
1.5
—
—
µs
P Conversion time6
VDD = 3.3 V
fADC = 13.33 MHz,
INPCMP = 0
——
3.6
µs
P Conversion time6
VDD = 5.0 V
fADC = 32 MHz,
INPCMP = 0
——
3.6
µs
CS
CC D ADC input sampling
capacitance
—
5
pF
CP1
CC D ADC input pin
capacitance 1
—
3
pF
CP2
CC D ADC input pin
capacitance 2
—
1
pF
CP3
CC D ADC input pin
capacitance 3
—
1.5
pF
RSW1
CC D Internal resistance of
analog source
——
—
1
k
RSW2
CC D Internal resistance of
analog source
——
—
2
k
RAD
CC D Internal resistance of
analog source
——
—
0.3
k
IINJ
SR — Input current Injection Current
injection on
one ADC input,
different from
the converted
one
VDD =
3.3 V ± 10%
5—
5
mA
VDD =
5.0 V ± 10%
5
—
5
INLP
CC T Absolute Integral
non-linearity-precise
channels
No overload
—1
3
LSB
INLX
CC T Absolute Integral
non-linearity-extended
channels
No overload
—1.5
5
LSB
Table 38. ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com