Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MICRF221 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 5Page - Micrel Semiconductor MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor MICRF221 Datasheet HTML 10Page - Micrel Semiconductor MICRF221 Datasheet HTML 11Page - Micrel Semiconductor MICRF221 Datasheet HTML 12Page - Micrel Semiconductor MICRF221 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
9
M9999-100108
(408) 955-1690
The reference oscillator in the MICRF221 uses a
basic Pierce crystal oscillator configuration with MOS
transconductor
to
provide
negative
resistance.
MICRF221 has built-in load capacitors for the crystal
oscillator, shown in Figure 4, even though external
load capacitors are still needed for tuning to the right
frequency. RO1 and RO2 are external pins of the
MICRF221 and are to connect to the reference
oscillator crystal.
D0
D1
D2
MODE: Desense
0
X
X
No Desense - default
1
0
0
7dB Desense
1
1
0
19dB Desense
1
0
1
32dB Desense
1
1
1
42dB Desense
The reference oscillator crystal frequency can be
calculated as follows:
Reference Control
There are two components in the Reference and
Control sub-block: 1) Reference Oscillator and 2)
Control Logic, Serial Interface and Parallel Inputs.
FREF OSC = FRF/(64 + 1.1/12)
For 868.35 MHz,
Reference Oscillator
FREF OSC = 13.54856 MHz
V BIAS
RO2
R
RO1
C
C
For 915 MHz
FREF OSC = 14.27643 MHz
To operate the MICRF221 with minimum offset,
crystal frequencies should be specified with 10pF
loading capacitance.
Figure 4. MICRF221 Reference Oscillator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com