Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MICRF221 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF221 Datasheet HTML 1Page - Micrel Semiconductor MICRF221 Datasheet HTML 2Page - Micrel Semiconductor MICRF221 Datasheet HTML 3Page - Micrel Semiconductor MICRF221 Datasheet HTML 4Page - Micrel Semiconductor MICRF221 Datasheet HTML 5Page - Micrel Semiconductor MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MICRF221
3.3V, QwikRadio
® 850 MHz to 950 MHz Receiver
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MICRF221 is a third generation QwikRadio
®
receiver, offering all the benefits of Micrel's earlier
QwikRadio
®
products with significant improvements,
including: enhanced sensitivity, automatic duty-cycle
feature and RSSI output.
The MICRF221, Figure 1, is a super-heterodyne
receiver, designed for OOK and ASK modulation. The
down-conversion mixer also provides image rejection.
The MICRF221 receiver provides a SLEEP Mode for
duty-cycle operation and an enhanced, customer
programmable "WAKE" function. These features are
further combined into a wholly integrated "self-polling"
scheme that is ideal for low and ultra-low power
applications, such as RKE and RFID
All post-detection data filtering is provided on the
MICRF221 receiver. Any one of four filter bandwidths
may be selected externally by the user in binary steps,
from 1.25 kHz to 10 kHz. The user needs only to
program the device with a set of easily determined
values based on data rate, code modulation format, and
desired duty-cycle operation.
Features
• Complete Receiver on a Chip
• -109dBm sensitivity, 1 kbps and BER 10E-02
• Image Rejection Mixer
• 850 MHz to 950 MHz frequency range
• Low Power, 9mA @ 868 MHz, continuous on
• Data Rates to 10kbps (Manchester Encoded)
• Auto polling (sleep mode, current < 0.1 mA)
• Analog RSSI Output
• Programmable “Low Sensitivity” mode
• No IF filter required
• Excellent selectivity and noise rejection
• Low external part count
• Additional Functions Programmed through serial
interface
Ordering Information
Part Number
Temperature Range
Package
MICRF221AYQS
–40° to +105°C
16-Pin QSOP
Typical Application
Figure 1: MICRF221 Receiver 915.0 MHz, 1kHz Baud Rate Example
October 2008
M9999-100108
(408) 955-1690


Similar Part No. - MICRF221

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF221AYQS MICREL-MICRF221AYQS Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
More results

Similar Description - MICRF221

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FSLH-S090C HIROSE-FSLH-S090C Datasheet
41Kb / 4P
2012 Size 850/950 MHz Chip Multilayer Splitter/Combiner
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218 Datasheet
1Mb / 24P
3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
logo
Semtech Corporation
SX1223 SEMTECH-SX1223 Datasheet
316Kb / 25P
425 - 475 MHz / 850 - 950 MHz Integrated UHF Transmitter
logo
Texas Instruments
CC1190 TI-CC1190 Datasheet
472Kb / 15P
850 - 950 MHz RF Front End
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
logo
Texas Instruments
CC1190 TI-CC1190_12 Datasheet
727Kb / 17P
850 ??950 MHz RF Front End
logo
Analog Devices
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator
REV. A
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
CC1190 TI-CC1190_15 Datasheet
893Kb / 18P
850 ??950 MHz RF Front End
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com