Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MICRF221 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF221 Datasheet HTML 1Page - Micrel Semiconductor MICRF221 Datasheet HTML 2Page - Micrel Semiconductor MICRF221 Datasheet HTML 3Page - Micrel Semiconductor MICRF221 Datasheet HTML 4Page - Micrel Semiconductor MICRF221 Datasheet HTML 5Page - Micrel Semiconductor MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
3
M9999-100108
(408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (Vdd) ................................................. +5V
Input Voltage. ............................................................. +5V
Junction Temperature ...........................................+150ºC
Lead Temperature (soldering, 10sec.) ....................300°C
Storage Temperature (Ts)...................... -65ºC to +150°C
Maximum Receiver Input Power ......................... +10dBm
EDS Rating
(3).....................................................2KV HBM
Operating Ratings(2)
Supply voltage (Vdd)............................. +3.0V to +3.6V
Ambient Temperature (TA) ................. –40°C to +105°C
Input Voltage (Vin) ................................................. 3.6V
Maximum Input RF Power.................................-20dBm
Receive Modulation Duty Cycle
(6) .................... 20~80%
Electrical Characteristics
Specifications apply for VDD=3.3V, VSS = 0V, CAGC = 4.7uF, CTH = 0.1uF, fRX = 850 MHz to 950 MHz unless otherwise noted.
Bold values indicate –40°C - TA - 105°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Continuous Operation, fRX = 868 MHz
9.0
Iss
MICRF221 Operating
Supply Current
Continuous Operation, fRX = 915 MHz
9.5
mA
Ishut
Shut down Current
50
nA
RF/IF Section
Symbol
Parameter
Condition
Min
Typ
Max
Units
Image Rejection
20
dB
fRX = 868 MHz
1.219
1
st IF Center Frequency
fRX = 915 MHz
1.285
MHz
fRX = 868 MHz (matched to 50Ω)
-109
Receiver Sensitivity @
1kbps
(4)
fRX = 915 MHz (matched to 50Ω)
-109
dBm
fRX = 868 MHz
360
IF Bandwidth
fRX = 915 MHz
380
kHz
fRX = 868 MHz
9.4 – j72
Antenna Input
Impedance
fRX = 915 MHz
9 – j67
Ω
Receive Modulation Duty
Cycle
Note 6
20
80
%
Spurious Reverse
Isolation
(5)
ANT pin, RSC = 50 Ω
-78
dBm
AGC Attack / Decay
Ratio
tATTACK / tDECAY
0.1
TA = 25ºC
+/-2
AGC pin leakage current
TA = +105ºC
+/-800
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com