Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MICRF221 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF221 Datasheet HTML 1Page - Micrel Semiconductor MICRF221 Datasheet HTML 2Page - Micrel Semiconductor MICRF221 Datasheet HTML 3Page - Micrel Semiconductor MICRF221 Datasheet HTML 4Page - Micrel Semiconductor MICRF221 Datasheet HTML 5Page - Micrel Semiconductor MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
2
M9999-100108
(408) 955-1690
Pin Configuration
Figure 2. MICRF221AYQS Pin Configuration
Pin Description
16-Pin
QSOP
Pin
Name
Pin Function
1
RO1
Reference Oscillator (input): Reference resonator input connection to pierce oscillator stage. May also
be driven by external reference signal of 1.5V p-p amplitude maximum. 7pF to GND during normal
operation.
2
GNDRF
Negative supply connection associated with ANT RF input.
3
ANT
Antenna (input): RF signal input from antenna. Internally AC coupled. It is recommended a matching
network with an inductor-to-RF ground be used to improve ESD protection.
4
GNDRF
Negative supply connection associated with ANT RF input.
5
Vdd
Positive supply connection for all chip functions.
6
SQ
Squelch control logic input with an active internal pull-up when not shut down. Low to reverse level set
by serial interface bit D17. Low enables squelch for default SIF register.
7
SEL0
Select (input): Logic control input with active 3μA (8μA max) internal pull-up when not in shutdown or
SLEEP mode. It does not need to be defined in SLEEP mode. Used in conjunction with SEL1 to control
D3 bandwidth LSB when serial interface contains default setting.
8
SHDN
Shutdown logic control input. Active internal pull-up.
9
GND
Negative supply connection for all chip functions except for RF input.
10
DO
Demodulated data (output): May be blanked until bit checking test is acceptable. A current limited
CMOS output during normal operation this pin is also used as a CMOS Schmitt input for serial interface
data. A 25kΩ pull-down is present when device is in shutdown and sleep modes.
11
SEL1
Select (input): Logic control input with active 3μA (8μA max) internal pull-up when not in shutdown or
SLEEP mode. It does not need to be defined in SLEEP mode. Used in conjunction with SEL0, to control
D4 bandwidth MSB, when serial interface contains default setting.
12
CTH
Demodulation threshold voltage integration capacitor. Capacitor-to-GND sets the settling time for the
demodulation data slicing level. Values above 1nF are recommended and should be optimized for data
rate and data profile.
13
CAGC
AGC filter capacitor. A capacitor, normally greater than 0.47μF, is connected from this pin-to-GND
14
RSSI
Received signal strength indication (output): Output is from a switched capacitor integrating op amp
with 220Ω typical output impedance.
15
SCLK
Serial interface input clock. CMOS Schmitt input. A 25kΩ pull-down is present when device is in
shutdown mode.
16
RO2
Reference resonator connection. 7pF to GND during normal operation.
1
RO1
GNDRF
ANT
GNDRF
Vdd
SQ
SEL0
SHDN
16 RO2
SCLK
RSSI
CAGC
CTH
SEL1
DO
GND
15
14
13
12
11
10
9
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com