Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28CEC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  IMX28CEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: IMX28CEC
Rev. 1, 04/2011
i.MX28
Package Information
Plastic package
Case 5284 14 x 14 mm, 0.8 mm Pitch
Ordering Information
See Table 1 on page 3 for ordering information.
© Freescale Semiconductor, Inc., 2011. All rights reserved.
1
Introduction
The i.MX28 is a low-power, high-performance
applications processor optimized for the general
embedded industrial and consumer markets.The
core of the i.MX28 is Freescale's fast,
power-efficient implementation of the
ARM926EJ-S™ core, with speeds of up to
454 MHz.
The device is suitable for a wide range of
applications, including the following:
Human-machine interface (HMI) panels:
industrial, home
Industrial drive, PLC, I/O control display,
factory robotics display, graphical remote
controls
Handheld scanners and printers
Patient-monitoring, portable medical
devices
Smart energy meters, energy gateways
Media phones, media gateways
The integrated power management unit (PMU) on
the i.MX28 is composed of a triple output DC-DC
switching converter and multiple linear regulators.
These provide power sequencing for the device and
its I/O peripherals such as memories and SD cards,
as well as provide battery charging capability for
Li-Ion batteries.
i.MX28 Applications
Processors Data Sheet for
Consumer Products
Silicon Version 1.2
Contents
1.
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Device Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2.
Ordering Information & Functional Part Differences 3
1.3.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1.
Special Signal Considerations . . . . . . . . . . . . . . . 10
3.
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1.
i.MX28 Device-Level Conditions . . . . . . . . . . . . . . 11
3.2.
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . 19
3.3.
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 19
3.4.
I/O AC Timing and Parameters . . . . . . . . . . . . . . . 24
3.5.
Module Timing and Electrical Parameters . . . . . . 28
4.
Package Information and Contact Assignments . . . . . . . 60
4.1.
289-Ball MAPBGA—Case 14 x 14 mm,
0.8 mm Pitch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
4.2.
Ground, Power, Sense, and Reference Contact
Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
4.3.
Signal Contact Assignments . . . . . . . . . . . . . . . . . 62
4.4.
i.MX287 Ball Map . . . . . . . . . . . . . . . . . . . . . . . . . 65
4.5.
i.MX286 Ball Map . . . . . . . . . . . . . . . . . . . . . . . . . 66
4.6.
i.MX283 Ball Map . . . . . . . . . . . . . . . . . . . . . . . . . 67
4.7.
i.MX280 Ball Map . . . . . . . . . . . . . . . . . . . . . . . . . 68
5.
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69


Similar Part No. - IMX28CEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
More results

Similar Description - IMX28CEC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
i.MX50 Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
NXP Semiconductors
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1170CEC NXP-IMXRT1170CEC Datasheet
1Mb / 128P
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
Rev. 1, 05/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com