Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC923 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC923
Description  High Speed Photocoupler for MOS-FET / IGBT Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923 Datasheet(HTML) 1 Page - Sharp Corporation

  PC923 Datasheet HTML 1Page - Sharp Corporation PC923 Datasheet HTML 2Page - Sharp Corporation PC923 Datasheet HTML 3Page - Sharp Corporation PC923 Datasheet HTML 4Page - Sharp Corporation PC923 Datasheet HTML 5Page - Sharp Corporation PC923 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC923
PC923
High Speed Photocoupler for
MOS-FET / IGBT Drive
s Features
1. Built-in direct drive circuit for MOS-FET/
IGBT drive
( IO1P, I O2P : 0.4A)
2. High speed response
( tPLH , t PHL
3. Wide operating supply voltage range
4. High noise reduction type
s Applications
1. Inverter controlled air conditioners
6. High isolation voltage between input
and output( VISO
s Absolute Maximum Ratings
Internal connection diagram
PC923
Interface
Anode mark
θθ
Tr1
Tr2
( Vcc : 15 to 30V, Ta = -10 to 60˚C)
( CM H
( CM L
s Outline Dimensions
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
5. Recognized by UL, file No. E64380
( Unit : mm)
1 NC
2 Anode
3 Cathode
4 NC
7 GND
1
23
4
5
6
7
8
Amp.
1
23
4
5
6
7
8
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
( Ta = T opr unless otherwise specified)
*1 Ta = 25˚C
*2 Puise width <= 0.15
µs,
Duty ratio:0.01
Ta = 25˚C
*4 For 10 seconds
: MAX. 0.5
µ s)
= MIN. - 1 500V/
µ s)
= MIN. 1 500V/
µs)
*3 40 to 60% RH, AC for 1 minute,
Parameter
Symbol
Rating
Unit
Input
Forward current
I F
20
mA
*1Reverse voltage
V R
6V
Output
Supply voltage
V CC
35
V
O1 output current
I1
0.1
A
*2O1 peak output current
IO1P
0.4
A
O2 output current
IO2
0.1
A
*2O2 peak output current
IO2P
0.4
A
O1 output voltage
V O1
35
V
Power dissipation
P O
500
mW
Total power dissipation
P tot
550
mW
*3Isolation voltage
V iso
5 000
Operating temperature
T opr
- 25 to + 80
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*4Soldering temperature
T sol
260
˚C
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC923I/PC923P )
= 5 000 V rms )
V rms
5 O 1
6 O 2
8 VCC
θ = 0 to 13 ˚
1.2 ± 0.3
0.85 ± 0.2
9.66 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
0.26 ± 0.1
7.62 ± 0.3
gg TÜV ( VDE 0884 ) approved type is also available as an option.


Similar Part No. - PC923

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923L0NIP SHARP-PC923L0NIP Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923L0NIZ SHARP-PC923L0NIZ Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923L0NSZ SHARP-PC923L0NSZ Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923L0YIP SHARP-PC923L0YIP Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC923

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC924 SHARP-PC924 Datasheet
85Kb / 6P
OPIC Photocoupler for IGBT Drive of Inverter
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
logo
Sharp Corporation
PC924X SHARP-PC924X Datasheet
46Kb / 3P
OPIC Photocoupler for IGBT Drive of Inverter
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402 Datasheet
342Kb / 17P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9402 CEL-PS9402 Datasheet
4Mb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
Sharp Corporation
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402_15 Datasheet
292Kb / 24P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250 COSMO-KTLP250_15 Datasheet
330Kb / 12P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com