Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC923 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC923
Description  High Speed Photocoupler for MOS-FET / IGBT Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923 Datasheet(HTML) 5 Page - Sharp Corporation

  PC923 Datasheet HTML 1Page - Sharp Corporation PC923 Datasheet HTML 2Page - Sharp Corporation PC923 Datasheet HTML 3Page - Sharp Corporation PC923 Datasheet HTML 4Page - Sharp Corporation PC923 Datasheet HTML 5Page - Sharp Corporation PC923 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PC923
0
-25
0.5
100
025
50
75
0.1
0.2
0.3
0.4
Fig.16 O1 Low Level Output Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
12
15
30
18
21
24
27
15
18
21
24
27
30
Supply voltage V CC (V)
18
-25
24
100
025
50
75
19
20
21
22
- 0.1A
23
Fig.18 O2 High Level Output Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
IO2 Nearly = 0A
0.05
0.01
4
0.1
1.0
0.02
0.05
0.2
0.5
0.1
0.2
0.5
1
2
Fig.19 O2 Low Level Output Voltage vs.
O 2 Output Current
O2 output current I
1.0
-25
1.5
100
025
50
75
1.1
1.2
1.3
1.4
Fig.20 O2
Ambient Temperature
2
15
12
30
18
21
24
27
4
6
8
10
Supply Voltage
V CC1 = 12V
V CC2 = - 12V
IF = 5mA
Fig.17 O 2 High Level Output Voltage vs.
IO1= 0.1A
T a = 25˚C
IF = 5mA
VCC = 24V
IF = 5mA
VCC =6V
T a = 25˚C
Supply voltage V CC (V)
( A )
02
Low Level Output Voltage vs.
Ambient temperature T a (˚C)
Fig.21 High Level Supply Current vs.
IO2 = 0.1A
V CC = 24V
IF =0
25˚C
80˚C
T a = - 25˚C
Supply Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com