Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC923 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC923
Description  High Speed Photocoupler for MOS-FET / IGBT Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923 Datasheet(HTML) 6 Page - Sharp Corporation

  PC923 Datasheet HTML 1Page - Sharp Corporation PC923 Datasheet HTML 2Page - Sharp Corporation PC923 Datasheet HTML 3Page - Sharp Corporation PC923 Datasheet HTML 4Page - Sharp Corporation PC923 Datasheet HTML 5Page - Sharp Corporation PC923 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PC923
4
15
14
30
18
21
24
27
6
8
10
12
25˚C
80˚C
Supply Voltage
Supply voltage V CC (V)
0
0.2
0.4
0.6
0.8
1.0
Fig.23 Propagation Delay Time vs.
0
0.2
0.4
0.6
0.8
1.0
0
255075
100
-25
Ambient Temperature
Fig.24 Propagation Delay Time vs.
Ambient temperature T a (˚C)
s Application Circuit (For Power MOS-FET Driving Inverter )
Cathode
Anode
+
GND
O2
O1
VCC
+
TTL, microcomputer, etc.
( + )
( - )
Power supply
VCC1 = 12V
VCC2 = 12V
UV
W
T a = - 25˚C
t PLH
t PHL
V CC = 24V
RG =47 Ω
CG
IF = 5mA
Fig.22 Low Level Supply Current vs.
Forwrad current I F ( mA )
VCC = 24V
RG =47 Ω
0
5
10
15
20
25
75˚C
Ta = - 25˚C
25˚C
- 25˚C
25˚C
Ta = 75˚C
t PHL
t PLH
Forwrad current
CG = 3 000pF
= 3 000pF
Please refer to the chapter “Precautions for Use.”
q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com