Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC923 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC923
Description  High Speed Photocoupler for MOS-FET / IGBT Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923 Datasheet(HTML) 2 Page - Sharp Corporation

  PC923 Datasheet HTML 1Page - Sharp Corporation PC923 Datasheet HTML 2Page - Sharp Corporation PC923 Datasheet HTML 3Page - Sharp Corporation PC923 Datasheet HTML 4Page - Sharp Corporation PC923 Datasheet HTML 5Page - Sharp Corporation PC923 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
s Truth Table
PC923
Input
O2 Output
Tr. 1
Tr. 2
ON
High level
ON
OFF
OFF
Low level
OFF
ON
s Electro-optical Characteristics
*6 I FLH represents forward current when O2output goes from low to high.
*5 When measuring output and transfer characteristics, connect a by-pass capacitor ( 0.01
µ F or more ) between VCC and GND
near the PC923 .
Parameter
Symbol
*5 Conditions
MIN.
TYP.
MAX.
Unit
Fig.
Input
Forward voltage
V F1
Ta = 25˚C, I F = 10mA
-
1.6
1.75
V
-
V F2
Ta = 25˚C, I F = 0.2mA
1.2
1.5
-
V
-
Reverse current
IR
Ta = 25˚C, V R =5V
-
-
10
µ A-
Terminal capacitance
Ct
Ta = 25˚C, V = 0, f = 1MHz
-
30
250
pF
-
Output
Operating supply voltage
V CC
Ta = - 10 to 60˚C
15
-
30
V
-
15
-
24
V
O1 low level output voltage
V O1L
I01 = 0.1A, I F = 5mA
=
VCC1 = 12V, VCC2 = - 12V
-
0.2
0.4
V
1
O2 high level output voltage
V O2H
VCC =V01 = 24V, I 02 = - 0.1A, I F = 5mA
18
21
-
V
2
O2 low level output voltage
V O2L
V CC = 24V, I 02 = 0.1A, I F = 0
-
1.2
2.0
V
3
O1 leak current
IO1L
Ta = 25˚C, V CC =V01 = 35V, I F =0
-
-
500
µ A4
O2 leak current
IO2L
Ta = 25˚C, V CC =V02 = 35V, I F = 5mA
-
-
500
µ A5
High level supply current
I CCH
Ta = 25˚C, VCC = 24V, I F = 5mA
-
6
10
mA
6
VCC = 24V, I F = 5mA
-
-
14
mA
Low level supply current
ICCL
Ta = 25˚C, V CC = 24V, I F = 0
-
8
13
mA
VCC = 24V, I F = 0
-
-
17
mA
Transfer
charac-
teristics
*6 “ Low
→High” threshold
input current
I FLH
Ta = 25˚C, VCC = 24V
0.3
1.5
3.0
mA
7
VCC = 24V
0.2
-
5.0
mA
Isolation resistance
R ISO
Ta = 25˚C, DC = 500V, 40 to 60% RH
5x 1010
1011
--
Ω
Low
→High” propagation delay time
t PLH
Ta = 25˚C, V
IF = 5mA
RC =47
Ω, C
CC
= 24V,
G
= 3 000pF
-
0.3
0.5
µ s
8
“
“
High
→Low” propagation delay time
t PHL
-
0.3
0.5
µ s
Rise time
t r
-
0.2
0.5
µ s
Fall time
tf
-
0.2
0.5
µ s
Instantaneous common mode rejection
voltage “ Output : High level ”
CH M
Ta = 25˚C, V
IF = 5mA, V
CM
= 600V(peak )
CC
= 24V,
∆ VO2H = 2.0V
-30
-
-
kV/
µ s
9
Instantaneous common mode rejection
voltage “ Output : Low level ”
CML
Ta = 25˚C, V
IF = 0, V CC
CM
= 600V(peak )
= 24V,
∆ VO2L = 2.0V
30
-
-
kV/
µ s
( Ta = T opr unless otherwise specified )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com