Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5463 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 3Page - Cirrus Logic CS5463 Datasheet HTML 4Page - Cirrus Logic CS5463 Datasheet HTML 5Page - Cirrus Logic CS5463 Datasheet HTML 6Page - Cirrus Logic CS5463 Datasheet HTML 7Page - Cirrus Logic CS5463 Datasheet HTML 8Page - Cirrus Logic CS5463 Datasheet HTML 9Page - Cirrus Logic CS5463 Datasheet HTML 10Page - Cirrus Logic CS5463 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
CS5463
DS678F3
7
3. CHARACTERISTICS & SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
ANALOG CHARACTERISTICS
•
Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
•
VA+ = VD+ = 5 V ±5%; AGND = DGND = 0 V; VREFIN = +2.5 V. All voltages with respect to 0 V.
•
MCLK = 4.096 MHz.
Notes: 1. Applies when the HPF option is enabled.
2. Applies when the line frequency is equal to the product of the Output Word Rate (OWR) and the value
of epsilon (
).
Parameter
Symbol
Min
Typ
Max
Unit
Positive Digital Power Supply
VD+
3.135
5.0
5.25
V
Positive Analog Power Supply
VA+
4.75
5.0
5.25
V
Voltage Reference
VREFIN
-
2.5
-
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy
Active Power
All Gain Ranges
(Note 1)
Input Range 0.1% - 100%
PActive
-±0.1
-
%
Average Reactive Power
All Gain Ranges
(Note 1 and 2)
Input Range 0.1% - 100%
QAvg
-±0.2
-
%
Power Factor
All Gain Ranges
(Note 1 and 2)
Input Range 1.0% - 100%
Input Range 0.1% - 1.0%
PF
-
-
±0.2
±0.27
-
-
%
%
Current RMS
All Gain Ranges
(Note 1)
Input Range 0.2% - 100%
Input Range 0.1% - 0.2%
IRMS
-
-
±0.2
±1.5
-
-
%
%
%
Voltage RMS
All Gain Ranges
(Note 1)
Input Range 5% - 100%
VRMS
-±0.1
-
%
Analog Inputs (Both Channels)
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Common Mode + Signal
All Gain Ranges
-0.25
-
VA+
V
Analog Inputs (Current Channel)
Differential Input Range
(Gain = 10)
[(IIN+) - (IIN-)]
(Gain = 50)
IIN
-
-
500
100
-
-
mVP-P
mVP-P
Total Harmonic Distortion
(Gain = 50)
THD
80
94
-
dB
Crosstalk with Voltage Channel at Full Scale
(50, 60 Hz)
-
-115
-
dB
Input Capacitance
(Gain = 10)
(Gain = 50)
IC
-
-
32
52
-
-
pF
pF
Effective Input Impedance
EII
30
-
-
k
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
NI
-
-
22.5
4.5
-
-
µVrms
µVrms
Offset Drift (Without the High Pass Filter)
OD
-
4.0
-
µV/°C
Gain Error
(Note 3)
GE
-
±0.4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com