Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5463 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 23Page - Cirrus Logic CS5463 Datasheet HTML 24Page - Cirrus Logic CS5463 Datasheet HTML 25Page - Cirrus Logic CS5463 Datasheet HTML 26Page - Cirrus Logic CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic CS5463 Datasheet HTML 29Page - Cirrus Logic CS5463 Datasheet HTML 30Page - Cirrus Logic CS5463 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
CS5463
DS678F3
27
6.1.2 Current and Voltage DC Offset Register ( IDCoff , VDCoff )
Address: 1 (Current DC Offset); 3 (Voltage DC Offset)
Default = 0x000000
The DC Offset registers (IDCoff,VDCoff) are initialized to 0.0 on reset. When DC Offset calibration is performed, the
register is updated with the DC offset measured over a computation cycle. DRDY will be set at the end of the
calibration. This register may be read and stored for future system offset compensation. The value is represent-
ed in two's complement notation and in the range of -1.0
 I
DCoff,VDCoff  1.0, with the binary point to the right of
the MSB. See Section 7.1.2.1 DC Offset Calibration Sequence on page 37 for more information.
6.1.3 Current and Voltage Gain Register ( Ign , Vgn )
Address: 2 (Current Gain); 4 (Voltage Gain)
Default = 0x400000 = 1.000
The gain registers (Ign,Vgn) are initialized to 1.0 on reset. When either a AC or DC Gain calibration is performed,
the register is updated with the gain measured over a computation cycle. DRDY will be set at the end of the
calibration. This register may be read and stored for future system gain compensation. The value is in the range
0.0
 I
gn,Vgn < 3.9999, with the binary point to the right of the second MSB.
6.1.4 Cycle Count Register ( Cycle Count )
Address: 5
Default = 0x000FA0 = 4000
Cycle Count, denoted as N, determines the length of one computation cycle. During continuous conversions,
the computation cycle frequency is (MCLK/K)/(1024
N). A one second computational cycle period occurs when
MCLK = 4.096 MHz, K = 1, and N = 4000.
6.1.5 PulseRateE Register ( PulseRateE )
Address: 6
Default = 0x800000 = 1.00 (2 kHz @ 4.096 MHz MCLK)
PulseRateE sets the frequency of E1, E2, & E3
pulses. E1, E2, E3 frequency = (MCLK x PulseRateE) / 2048 at
full scale. For a 4 khz sample rate, the maximum pulse rate is 2 khz. The value is represented in two's comple-
ment notation and in the range is -1.0
 PulseRateE  1.0, with the binary point to the right of the MSB. Negative
values have the same effect as positive. See Section 5.5 Energy Pulse Output on page 17 for more information.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com