Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5463 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 12Page - Cirrus Logic CS5463 Datasheet HTML 13Page - Cirrus Logic CS5463 Datasheet HTML 14Page - Cirrus Logic CS5463 Datasheet HTML 15Page - Cirrus Logic CS5463 Datasheet HTML 16Page - Cirrus Logic CS5463 Datasheet HTML 17Page - Cirrus Logic CS5463 Datasheet HTML 18Page - Cirrus Logic CS5463 Datasheet HTML 19Page - Cirrus Logic CS5463 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
CS5463
16
DS678F3
5. FUNCTIONAL DESCRIPTION
5.1 Analog Inputs
The CS5463 is equipped with two fully differential input
channels. The inputs VIN
 and IIN are designated as
the voltage and current channel inputs, respectively.
The full-scale differential input voltage for the current
and voltage channel is
250 mV
P.
5.1.1 Voltage Channel
The output of the line voltage resistive divider or trans-
former is connected to the VIN+ and VIN- input pins of
the CS5463. The voltage channel is equipped with a
10x fixed-gain amplifier. The full-scale signal level that
can be applied to the voltage channel is
250 mV. If the
input signal is a sine wave the maximum RMS voltage
at a gain 10x is:
which is approximately 70.7% of maximum peak volt-
age. The voltage channel is also equipped with a Volt-
age
Gain
Register
,
allowing
for
an
additional
programmable gain of up to 4x.
5.1.2 Current Channel
The output of the current-sense resistor or transformer
is connected to the IIN+ and IIN- input pins of the
CS5463. To accommodate different current sensing el-
ements the current channel incorporates a programma-
ble gain amplifier (PGA) with two programmable input
gains. Configuration Register bit Igain (see Table 1) de-
fines the two gain selections and corresponding maxi-
mum input-signal level.
For example, if Igain=0, the current channel’s PGA gain
is set to 10x. If the input signals are pure sinusoids with
zero phase shift, the maximum peak differential signal
on the current or voltage channel is
250 mV
P. The in-
put signal levels are approximately 70.7% of maximum
peak voltage producing a full-scale energy pulse regis-
tration equal to 50% of absolute maximum energy pulse
registration. This will be discussed further in See Sec-
tion 5.5 Energy Pulse Output on page 17.
The Current Gain Register also facilitates an additional
programmable gain of up to 4x. If an additional gain is
applied to the voltage and/or current channel, the maxi-
mum input range should be adjusted accordingly.
5.2 IIR Filters
The current and voltage channel are equipped with a
4th-order IIR filter, that is used to compensate for the
magnitude roll off of the low-pass decimation filter. Op-
erational Mode Register
bit IIR engages the IIR filters in
both the voltage and current channels.
5.3 High-pass Filters
By removing the offset from either channel, no error
component will be generated at DC when computing the
active power. By removing the offset from both chan-
nels, no error component will be generated at DC when
computing VRMS, IRMS, and apparent power. Operation-
al Mode Register
bits VHPF and IHPF activate the HPF
in the voltage and current channel respectively. When a
high-pass filter is active in only one channel, an all-pass
filter (APF) is applied to the other channel. The APF has
an amplitude response that is flat within the channel
bandwidth and is used for matching phase in systems
where only one HPF is engaged.
5.4 Performing Measurements
The CS5463 performs measurements of instantaneous
voltage (Vn) and current (In), and calculates instanta-
neous power (Pn) at an output word rate (OWR) of
where K is the clock divider selected in the Configura-
tion Register
.
The RMS voltage (VRMS), RMS current (IRMS), and ac-
tive power (Pactive) are computed using N instantaneous
samples of Vn, In, and Pn respectively, where N is the
value in the Cycle Count Register and is referred to as
a “computation cycle”. The apparent power (S) is the
product of VRMS and IRMS. A computation cycle is de-
rived from the master clock (MCLK), with frequency:
Under default conditions and with K = 1, N = 4000, and
MCLK = 4.096 MHz – the OWR = 4000 Hz and the
ComputationCycle= 1Hz.
All measurements are available as a percentage of full
scale. The format for signed registers is a two’s comple-
ment, normalized value between -1 and +1. The format
Igain
Maximum Input Range
0±250 mV
10x
1
±50 mV
50x
Table 1. Current Channel PGA Setting
250mV
P
2
---------------------
176.78mV
RMS
OWR
MCLK K

1024
-----------------------------
=
Computation Cycle
OWR
N
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com