Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5463 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 21Page - Cirrus Logic CS5463 Datasheet HTML 22Page - Cirrus Logic CS5463 Datasheet HTML 23Page - Cirrus Logic CS5463 Datasheet HTML 24Page - Cirrus Logic CS5463 Datasheet HTML 25Page - Cirrus Logic CS5463 Datasheet HTML 26Page - Cirrus Logic CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic CS5463 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
CS5463
DS678F3
25
Register Page 1
Address
RA[4:0]
Name
Description
0
00000
PulseWidth
Energy Pulse Output Width
1
00001
LoadMin
No Load Threshold
2
00010
TGain
Temperature Sensor Gain
3
00011
Toff
Temperature Sensor Offset
Register Page 3
Address
RA[4:0]
Name
Description
6
00110
VSAGDuration
Voltage sag sample interval
7
00111
VSAGLevel
Voltage sag level
10
01010
ISAGDuration
Current fault sample interval
11
01011
ISAGLevel
Current fault level
Note: For proper operation, do not attempt to write to unspecified registers.
5.16.6 Calibration
The CS5463 can perform system calibrations. Proper input signals must be applied to the current and voltage chan-
nel before performing a designated calibration.
CAL[4:0]*
Designates calibration to be performed
01001 = Current channel DC offset
01010 = Current channel DC gain
01101 = Current channel AC offset
01110 = Current channel AC gain
10001 = Voltage channel DC offset
10010 = Voltage channel DC gain
10101 = Voltage channel AC offset
10110 = Voltage channel AC gain
11001 = Current and Voltage channel DC offset
11010 = Current and Voltage channel DC gain
11101 = Current and Voltage channel AC offset
11110 = Current and Voltage channel AC gain
*For proper operation, values for CAL[4:0] not specified should not be used.
B7
B6
B5
B4
B3
B2
B1
B0
1
1
0
CAL4
CAL3
CAL2
CAL1
CAL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com