Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4423 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP4423
Description  Electroluminescent Lamp Driver Low Power Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4423 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP4423 Datasheet HTML 5Page - Sipex Corporation SP4423 Datasheet HTML 6Page - Sipex Corporation SP4423 Datasheet HTML 7Page - Sipex Corporation SP4423 Datasheet HTML 8Page - Sipex Corporation SP4423 Datasheet HTML 9Page - Sipex Corporation SP4423 Datasheet HTML 10Page - Sipex Corporation SP4423 Datasheet HTML 11Page - Sipex Corporation SP4423 Datasheet HTML 12Page - Sipex Corporation SP4423 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SP4423DS/14
SP4423 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
10
2.5
6.5 Max
9.0 Max
25
± 2.0
(All dimensions in mm)
HITACHI METALS Ltd. Japan
Ph: 3-3284-4936
Fax: 3-3287-1945
HITACHI METALS Singapore
Ph: 65-222-3077
Fax: 65-222-5232
Part Numbers:
MD735L902B (9mH + 20% 41
Ω)
MD735L502A (5mH + 20% 19.8
Ω)
HITACHI METALS Hong Kong
Ph: 852-2724-4183
Fax: 852-2311-2093
HITACHI METALS Chicago, IL
Ph: 847-364-7200
Fax: 847-364-7279
Toko Inc. Japan
Ph: 03-3727-1161
Fax: 03-3727-1176
Toko America Inc. USA
Ph: 847-297-0070
Fax: 847-699-7864
Part Numbers:
667MA-472N (4.7mH, 13
Ω)
Toko Inc. Singapore
Ph: 255-4000
Fax: 250-8134
Toko Germany
Ph: 49-7156-96-060
Fax: 49-7156-96-06-26
Toko U.K.
Ph: 1753-854057-9
Fax: 1753-8503-23
Toko Korea
Ph: 0551-50-5500
Fax: 0551-93-1110
Toko France
Ph: 01-4557-4465
Fax: 01-4554-2837
Toko Hong Kong
Ph: 2342-8131
Fax: 2341-9570
(All Dimensions in mm)
4.4 Max
2.75 Max
4.4
5.0
±0.3
5.0
±0.3
5.7
±0.3
(All Dimensions in mm)
muRata USA
Ph: 770-436-1300
Fax: 770-436-3030
muRata Europe
Ph: 49-9116-6870
Fax: 49-1166-8722-5
muRata Taiwan
Ph: 88-6429-1415-1
Fax: 88-6442-5292-9
muRata Singapore
Ph: 65-758-4233
Fax: 65-753-6181
muRata Hong Kong
Ph: 85-2237-6389-8
Fax: 85-2237-5556-55
Part Numbers:
LQN6C472M04 (4.7mH, 35
Ω)
LQN6C103M04 (10mH, 80
Ω)
7.0
±0.5
6.0
±0.3
3.3
±0.3
6.8
±0.3
Coilcraft USA
Ph: 847-639-6400
Fax: 847-639-1469
Coilcraft Europe
Ph: 44-01236-730595
Fax: 44-01236-730627
Part Numbers:
DS1608C-106 (10mH, 32
Ω)
Coilcraft Taiwan
Ph: 886-2-264-3646
Fax: 886-2-270-0294
Coilcraft Singapore
Ph: 65-296-6933
Fax: 465-296-4463 #382
Coilcraft Hong Kong
Ph: 852-770-9428
Fax: 852-770-0729
.175
4,45
.260
6,60 MAX
MAX
.115
2,92 MAX
Magnetically Shielded
(All Dimensions in mm)
(All Dimensions in mm)
The coil part numbers presented in this data sheet have been qualified as being suitable for the SP4422A product.
Contact Sipex for applications assistance in choosing coil values not listed in this data sheet.
CTC Coils LTD Hong Kong
Ph: 85-2695-4889
Fax: 85-2695-1842
Mark Technologies:
North American Stocking
distributor for Sankyo and CTC
Ph: 905-891-0165
Fax: 905-891-8534
Model Numbers: CH5070AS-203K-006 (20
mH, 65
Ω)
Sipex Number: S51208-M-1021-Sipex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com