Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4423 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP4423
Description  Electroluminescent Lamp Driver Low Power Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4423 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP4423 Datasheet HTML 2Page - Sipex Corporation SP4423 Datasheet HTML 3Page - Sipex Corporation SP4423 Datasheet HTML 4Page - Sipex Corporation SP4423 Datasheet HTML 5Page - Sipex Corporation SP4423 Datasheet HTML 6Page - Sipex Corporation SP4423 Datasheet HTML 7Page - Sipex Corporation SP4423 Datasheet HTML 8Page - Sipex Corporation SP4423 Datasheet HTML 9Page - Sipex Corporation SP4423 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SP4423DS/14
SP4423 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
6
800
700
600
500
400
300
200
100
0
0
50
100
150
200
250
300
350
400
C
OSC
(pF)
Lamp Frequency vs. C
OSC
X
X
X
X
X
Coil = 9/35
Coil = 5/18
Coil = 3/10
Coil = 1/14
Inductors
X
45
40
35
30
25
20
15
5
0
0
50
100
150
200
250
300
350
400
C
OSC
(pF)
I
TOTAL vs. COSC
X
Coil = 9/35
Coil = 5/18
Coil = 3/10
Coil = 1/14
Inductors
X
10
X
X
X
X
X
16
14
12
10
8
6
4
0
0
50
100
150
200
250
300
350
400
C
OSC
(pF)
Light vs. C
OSC
Coil = 9/35
Coil = 5/18
Coil = 3/10
Coil = 1/14
Inductors
X
2
X
X
X
X
X
X
250
200
150
100
50
0
0
50
100
150
200
250
300
350
400
C
OSC
(pF)
V
PEAK vs. COSC
X
Coil = 9/35
Coil = 5/18
Coil = 3/10
Coil = 1/14
Inductors
X
X
X
X
X
X
20.0
18.0
16.0
14.0
12.0
10.0
0.8
0.6
0.0
0
50
100
150
200
250
300
350
400
C
OSC
(pF)
Coil Frequency vs. C
OSC
X
X
X
X
X
Coil = 9/35
Coil = 5/18
Coil = 3/10
Coil = 1/14
Inductors
X
0.4
0.2
14
12
10
8
6
4
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
DD
(V)
I
TOTAL vs. VDD over Temperature
0OC
25OC
75OC
2
140
120
100
80
60
40
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
DD
(V)
V
PEAK vs. VDD over Temperature
0OC
25OC
75OC
20
160
300
250
200
150
100
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
DD
(V)
Lamp Frequency vs. V
DD over Temperature
0OC
25OC
75OC
50
350
Temperature (
oC)
Temperature (
oC)
Temperature (
oC)
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.
Lamp = 1sq. in., V
DD = 3.0V
Lamp = 1sq. in., V
DD = 3.0V
Lamp = 1sq. in., V
DD = 3.0V
Lamp = 1sq. in., V
DD = 3.0V
Lamp = 1sq. in., V
DD = 3.0V
Coil = 20mH/70 ohms, C
OSC = 150pF
Coil = 20mH/70 ohms, C
OSC = 150pF
Coil = 20mH/70 ohms, C
OSC = 150pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com