Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4423 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP4423
Description  Electroluminescent Lamp Driver Low Power Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4423 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP4423 Datasheet HTML 3Page - Sipex Corporation SP4423 Datasheet HTML 4Page - Sipex Corporation SP4423 Datasheet HTML 5Page - Sipex Corporation SP4423 Datasheet HTML 6Page - Sipex Corporation SP4423 Datasheet HTML 7Page - Sipex Corporation SP4423 Datasheet HTML 8Page - Sipex Corporation SP4423 Datasheet HTML 9Page - Sipex Corporation SP4423 Datasheet HTML 10Page - Sipex Corporation SP4423 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SP4423DS/14
SP4423Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
7
30
25
20
15
10
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
I
TOTAL vs. Lamp Size
5
V
DD = 2
V
DD = 3
V
DD = 4
V
DD = 5
Supply (V)
V
DD = 6
250
200
150
100
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
Lamp Frequency vs. Lamp Size
50
V
DD = 2
V
DD = 3
V
DD = 4
V
DD = 5
Supply (V)
V
DD = 6
14
12
10
8
6
4
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
Light vs. Lamp Size
2
V
DD = 2
V
DD = 3
V
DD = 4
V
DD = 5
Supply (V)
V
DD = 6
160
140
120
100
80
60
40
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
V
PEAK vs. Lamp Size
20
V
DD = 2
V
DD = 3
V
DD = 4
V
DD = 5
Supply (V)
V
DD = 6
800
600
500
300
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
Lamp Frequency vs. Lamp Size
100
C
OSC = 50
C
OSC = 75
C
OSC = 100
C
OSC = 180
Osc Cap
C
OSC = 220
C
OSC = 360
700
400
200
16
12
10
6
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
I
TOTAL vs. Lamp Size
2
C
OSC = 50
C
OSC = 75
C
OSC = 100
C
OSC = 180
Osc Cap
C
OSC = 220
C
OSC = 360
14
8
4
160
120
100
60
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
V
PEAK vs. Lamp Size
20
C
OSC = 50
C
OSC = 75
C
OSC = 100
C
OSC = 180
Osc Cap
C
OSC = 220
C
OSC = 360
140
80
40
12
10
6
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Square Inches
Light vs. Lamp Size
2
C
OSC = 50
C
OSC = 75
C
OSC = 100
C
OSC = 180
Osc Cap
C
OSC = 220
C
OSC = 360
14
8
4
C
OSC = 220pF, Coil = 9mH/35 ohms
C
OSC = 220pF, Coil = 9mH/35 ohms
C
OSC = 220pF, Coil = 9mH/35 ohms
C
OSC = 220pF, Coil = 9mH/35 ohms
V
DD = 3.0V, Coil = 9mH/35 ohms
V
DD = 3.0V, Coil = 9mH/35 ohms
V
DD = 3.0V, Coil = 9mH/35 ohms
V
DD = 3.0V, Coil = 9mH/35 ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com