Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4423 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4423
Description  Electroluminescent Lamp Driver Low Power Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4423 Datasheet(HTML) 5 Page - Sipex Corporation

  SP4423 Datasheet HTML 1Page - Sipex Corporation SP4423 Datasheet HTML 2Page - Sipex Corporation SP4423 Datasheet HTML 3Page - Sipex Corporation SP4423 Datasheet HTML 4Page - Sipex Corporation SP4423 Datasheet HTML 5Page - Sipex Corporation SP4423 Datasheet HTML 6Page - Sipex Corporation SP4423 Datasheet HTML 7Page - Sipex Corporation SP4423 Datasheet HTML 8Page - Sipex Corporation SP4423 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SP4423DS/14
SP4423Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
5
Electroluminescent backlighting is ideal when
used with LCD displays, keypads, or other backlit
readouts. Its main use is to illuminate displays in
dim to dark conditions for momentary periods
of time. EL lamps typically consume less than
LEDs or incandescent bulbs making them ideal
for battery powered products. Also, EL lamps
are able to evenly light an area without creating
"hot spots" in the display.
Typical SP4423 Application Circuit
The amount of light emitted is a function of the
voltage applied to the lamp, the frequency at
which it is applied, the lamp material used and
its size. There are many variables which can be
optimized for specific applications. Sipex
supplies characterization charts to aid the
designer in selecting the optimum circuit
configuration (see page 6).
0.1
µF Low ESR
Decoupling
Capacitor
EL Lamp
NOTE:
Keep high voltage traces
short and away from VDD
and clock lines
Cap2
Cap1
VDD
EL1
HON
VSS
Coil
EL2
HON=VDD=ON
HON=0V=OFF
SP4423
VIN=3V
NOTE:
Keep coil as close to the
SP4423 as possible
+
–
COSC=100pF
Typical SP4423 Test Circuit
0.1
µF Low ESR
Decoupling
Capacitor
NOTE:
Keep high voltage traces
short and away from VDD
and clock lines
Cap2
Cap1
VDD
EL1
HON
VSS
Coil
EL2
HON=VDD=ON
HON=0V=OFF
SP4423
VIN=3V
NOTE:
Keep coil as close to the
SP4422A as possible
+
–
COSC=150pF
100
Ω
6nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com