Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7491LP Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7491LP Datasheet HTML 10Page - STMicroelectronics TDA7491LP Datasheet HTML 11Page - STMicroelectronics TDA7491LP Datasheet HTML 12Page - STMicroelectronics TDA7491LP Datasheet HTML 13Page - STMicroelectronics TDA7491LP Datasheet HTML 14Page - STMicroelectronics TDA7491LP Datasheet HTML 15Page - STMicroelectronics TDA7491LP Datasheet HTML 16Page - STMicroelectronics TDA7491LP Datasheet HTML 17Page - STMicroelectronics TDA7491LP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Characterization curves
TDA7491LP
14/37
Doc ID 13541 Rev 5
Figure 7.
Frequency response
Figure 8.
Crosstalk vs. frequency
Specification Limit:
Max: +/-3dB
@20Hz to 20kHz
Test Condition:
Vcc =6.6V,
RL= 4 ohm,
Rosc =39k
Ω, Cosc =100nF,
f =1kHz,
Gv =30dB,
Po =1W
Tamb =25°C
Cin = 1uF
Amplitude (dB)
Frequency (Hz)
Specification Limit:
Typical: >50dB (@ f =1kHz)
Test Condition:
Vcc =6.6V,
RL= 4 ohm,
Rosc =39k
Ω, Cosc =100nF,
f = 1kHz,
Gv=30dB,
Po=1W
Tamb=25
°C
Crosstalk (dB)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com