Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7491LP Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7491LP Datasheet HTML 15Page - STMicroelectronics TDA7491LP Datasheet HTML 16Page - STMicroelectronics TDA7491LP Datasheet HTML 17Page - STMicroelectronics TDA7491LP Datasheet HTML 18Page - STMicroelectronics TDA7491LP Datasheet HTML 19Page - STMicroelectronics TDA7491LP Datasheet HTML 20Page - STMicroelectronics TDA7491LP Datasheet HTML 21Page - STMicroelectronics TDA7491LP Datasheet HTML 22Page - STMicroelectronics TDA7491LP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
TDA7491LP
Characterization curves
Doc ID 13541 Rev 5
19/37
4.2
With 8-
Ω load at VCC = 9 V
Figure 16.
Output power vs. supply voltage
Figure 17.
THD vs. output power (1 kHz)
0
0. 5
1
1. 5
2
2. 5
3
3. 5
4
4. 5
5
5. 5
6
56
789
THD =1%
THD =10%
Rl =8 ohm
f =1kHz
Test Condition :
Vcc = 5~9V,
RL = 8 ohm,
Rosc =39k
Ω, Cosc =100nF,
f =1kHz,
Gv =30dB,
Tamb =25°C
Specification Limit:
Typical:
Vs =9V,Rl = 8 ohm
Po =5W @THD =10%
Po =4W @THD =1%
Supply voltage (V)
THD (%)
Output Power (W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
6
200m
300m 400m
600m 800m 1
2
3
4
5
Test Condition:
Vcc =9V,
RL= 8 ohm,
Rosc =39k
Ω, Cosc =100nF,
f =1kHz,
Gv =30dB,
Tamb =25°C
Specification Limit:
Typical:
Po =5W @ THD =10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com