Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7491LP Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7491LP Datasheet HTML 13Page - STMicroelectronics TDA7491LP Datasheet HTML 14Page - STMicroelectronics TDA7491LP Datasheet HTML 15Page - STMicroelectronics TDA7491LP Datasheet HTML 16Page - STMicroelectronics TDA7491LP Datasheet HTML 17Page - STMicroelectronics TDA7491LP Datasheet HTML 18Page - STMicroelectronics TDA7491LP Datasheet HTML 19Page - STMicroelectronics TDA7491LP Datasheet HTML 20Page - STMicroelectronics TDA7491LP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
TDA7491LP
Characterization curves
Doc ID 13541 Rev 5
17/37
Figure 13.
Attenuation vs. voltage on pin MUTE
Figure 14.
Current consumption vs. voltage on pin STBY
Test Condition :
Vcc = 6.6V,
RL = 4 ohm,
Rosc =39k
Ω, Cosc =100nF,
f=1kHz,
0dB@f=1kHz, Po=1w,
Gv =30dB,
Tamb =25
°C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
0.5
1
1.5
2
2.5
3
3.5
Vmute (V)
Test Condition :
Vcc = 6.6V,
RL = 4 ohm,
Rosc =39k
Ω, Cosc =100nF,
Vin=0,
Gv =30dB,
Tamb =25°C
0
0. 005
0. 01
0. 015
0. 02
0. 025
0
0.5
1
1.5
2
2.5
3
3.5
Vstby (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com