Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7491LP Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7491LP Datasheet HTML 19Page - STMicroelectronics TDA7491LP Datasheet HTML 20Page - STMicroelectronics TDA7491LP Datasheet HTML 21Page - STMicroelectronics TDA7491LP Datasheet HTML 22Page - STMicroelectronics TDA7491LP Datasheet HTML 23Page - STMicroelectronics TDA7491LP Datasheet HTML 24Page - STMicroelectronics TDA7491LP Datasheet HTML 25Page - STMicroelectronics TDA7491LP Datasheet HTML 26Page - STMicroelectronics TDA7491LP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
TDA7491LP
Characterization curves
Doc ID 13541 Rev 5
23/37
Figure 24.
Power supply rejection ratio vs. frequency
Figure 25.
Power dissipation and efficiency vs. output power
Ripple frequency=100Hz
Ripple voltage=500mV
Test Condition :
Vcc = 9V,
RL = 8 ohm,
Rosc =39k
Ω, Cosc =100nF,
Vin=0,
Gv =30dB,
Tamb =25°C
0
10
20
30
40
50
60
70
80
90
012
3
45
0
0. 5
1
1. 5
2
2. 5
Vcc=9V
Rload=8ohm
Gain=30dB
f=1kHz
Test Condition :
Vcc = 9V,
RL = 8 ohm,
Rosc =39k
Ω, Cosc =100nF,
Vin=0,
Gv =30dB,
Tamb =25°C
Output power per channel (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com