Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC3055N Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 5Page - STMicroelectronics STLC3055N_09 Datasheet HTML 6Page - STMicroelectronics STLC3055N_09 Datasheet HTML 7Page - STMicroelectronics STLC3055N_09 Datasheet HTML 8Page - STMicroelectronics STLC3055N_09 Datasheet HTML 9Page - STMicroelectronics STLC3055N_09 Datasheet HTML 10Page - STMicroelectronics STLC3055N_09 Datasheet HTML 11Page - STMicroelectronics STLC3055N_09 Datasheet HTML 12Page - STMicroelectronics STLC3055N_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
STLC3055N
Functional description
9/34
4
Functional description
The STLC3055N is a device specifically developed for WLL VoIP and ISDN-TA applications.
It is based on a SLIC core, on purpose optimised for these applications, with the addition of
a DC/DC converter controller to fulfil the WLL and ISDN-TA design requirements.
The SLIC performs the standard feeding, signalling and transmission functions.
It can be set in four different operating modes via the D0, D1, D2 pins of the control logic
interface (0 to 3.3 V logic levels). The loop status is carried out on the DET pin (active low).
The DET pin is an open drain output to allow easy interfacing with both 3.3 V and 5 V logic
levels.
The four possible SLIC’s operating modes are:
●
Power down
●
High impedance feeding (HI-Z)
●
Active
●
Ringing
Table 6 shows how to set the different SLIC operating modes.
4.1
DC/DC converter
The DC/DC converter controller is driving an external power MOS transistor (P-channel) in
order to generate the negative battery voltage needed for device operation.
The DC/DC converter controller is synchronised with an external CLK (125 kHz typ.) or with
an internal clock generated when the pin CLK is connected to CVCC. One sensing resistor
in series to Vpos supply allows to fix the maximum allowed input peak current. This feature
is implemented in order to avoid overload on Vpos supply in case of line transient (ex. ring
trip detection).
The typical value is obtained for a sensing resistor equal to 110 m
Ω that will guarantee an
average current consumption from Vpos < 700 mA. When in on-hook the self generated
battery voltage is set to a predefined value.
This value can be adjusted via one external resistor (RF1) and it is typical -50 V. When
RING mode is selected this value is increased to -70 V typ.
Table 6.
SLIC operating modes.
PD
D0
D1
D2
Operating mode
00
0
X
Power down
1
0
0
X
H.I. feeding (HI-Z)
1
0
1
0
Active normal polarity
10
11
Active reverse polarity
1
1
1
0
Active TTX injection (N.P.)
1
1
1
1
Active TTX injection (R.P.)
1
1
0
0/1
Ring (D2 bit toggles @ fring)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com