Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC3055N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 4 Page - STMicroelectronics

  STLC3055N_09 Datasheet HTML 1Page - STMicroelectronics STLC3055N_09 Datasheet HTML 2Page - STMicroelectronics STLC3055N_09 Datasheet HTML 3Page - STMicroelectronics STLC3055N_09 Datasheet HTML 4Page - STMicroelectronics STLC3055N_09 Datasheet HTML 5Page - STMicroelectronics STLC3055N_09 Datasheet HTML 6Page - STMicroelectronics STLC3055N_09 Datasheet HTML 7Page - STMicroelectronics STLC3055N_09 Datasheet HTML 8Page - STMicroelectronics STLC3055N_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
List of figures
STLC3055N
4/34
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
DC characteristic in HI-Z mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
DC characteristic in active mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 5.
TIP/RING typical transition from direct to reverse polarity . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
Metering pulse generation circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
TIP/RING typical ringing waveform. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
Application diagram with metering pulse generation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 9.
Application diagram without metering pulse generation . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 10.
2W return loss 2WRL = 20Log(|Zref + Zs|/|Zref-Zs|) = 20Log(E/2Vs) . . . . . . . . . . . . . . . . 26
Figure 11.
THL trans hybrid loss THL = 20Log|Vrx/Vtx|. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 12.
G24 transmit gain G24 = 20Log|2Vtx/E| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 13.
G42 receive gain G42 = 20Log|VI/Vrx| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 14.
PSRRC power supply rejection Vpos to 2W port PSSRC = 20Log|Vn/Vl| . . . . . . . . . . . . . 27
Figure 15.
L/T longitudinal to transversal conversion L/T = 20Log|Vcm/Vl| . . . . . . . . . . . . . . . . . . . . . 27
Figure 16.
T/L transversal to longitudinal conversion T/L = 20Log|Vrx/Vcm|. . . . . . . . . . . . . . . . . . . . 28
Figure 17.
VTTX metering pulse level on line . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 18.
V2Wp and W4Wp: idle channel psophometric noise at line and TX.
V2Wp = 20Log|Vl/0.774l|; V4Wp = 20Log|Vtx/0.774l| . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 19.
Simplified configuration for indoor overvoltage protection . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 20.
Standard overvoltage protection configuration for K20 compliance . . . . . . . . . . . . . . . . . . 29
Figure 21.
State diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 22.
LQFP44 (10 x 10 x 1.4 mm) mechanical data and package dimensions . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com