Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC3055N Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 6Page - STMicroelectronics STLC3055N_09 Datasheet HTML 7Page - STMicroelectronics STLC3055N_09 Datasheet HTML 8Page - STMicroelectronics STLC3055N_09 Datasheet HTML 9Page - STMicroelectronics STLC3055N_09 Datasheet HTML 10Page - STMicroelectronics STLC3055N_09 Datasheet HTML 11Page - STMicroelectronics STLC3055N_09 Datasheet HTML 12Page - STMicroelectronics STLC3055N_09 Datasheet HTML 13Page - STMicroelectronics STLC3055N_09 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Functional description
STLC3055N
10/34
Once the line goes in off-hook condition, the DC/DC converter automatically adjust the
generated battery voltage in order to feed the line with a fixed DC current (programmable via
RLIM) optimising in this way the power dissipation.
4.2
Operating modes
4.2.1
Power down
When this mode is selected the SLIC is switched off and the TIP and RING pins are in high
impedance. Also the line detectors are disabled therefore the off-hook condition cannot be
detected.
This mode can be selected in emergency condition when it is necessary to cut any current
delivered to the line.
This mode is also forced by STLC3055N in case of thermal overload (Tj > 140 °C).
In this case the device goes back to the previous status as soon as the junction temperature
decrease under the hysteresis threshold.
No AC transmission is possible in this mode.
4.2.2
High impedance feeding (HI-Z)
This operating mode is normally selected when the telephone is in on-hook in order to
monitor the line status keeping the power consumption at the minimum.
The output voltage in on-hook condition is equal to the self generated battery voltage (-50 V
typ).
When off-hook occurs the DET becomes active (low logic level).
The off-hook threshold in HI-Z mode is the same value as programmed in ACTIVE mode.
The DC characteristic in HI-Z mode is just equal to the self generated battery with
2x(1600
Ω+Rp) in series (see Figure 3), where Rp is the external protection resistance.
No AC transmission is possible in this mode.
Figure 3.
DC characteristic in HI-Z mode.
4.2.3
Active
DC characteristics and supervision
When this mode is selected the STLC3055N provides both DC feeding and AC
transmission.
Vbat
IL
VL
Vbat (-50V)
2x(R1+Rp)
Slope: 2x(R1+Rp)
(R1=1600ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com