Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2308A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2308A
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308A Datasheet(HTML) 5 Page - Semtech Corporation

  SC2308A Datasheet HTML 1Page - Semtech Corporation SC2308A Datasheet HTML 2Page - Semtech Corporation SC2308A Datasheet HTML 3Page - Semtech Corporation SC2308A Datasheet HTML 4Page - Semtech Corporation SC2308A Datasheet HTML 5Page - Semtech Corporation SC2308A Datasheet HTML 6Page - Semtech Corporation SC2308A Datasheet HTML 7Page - Semtech Corporation SC2308A Datasheet HTML 8Page - Semtech Corporation SC2308A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Typical Characteristics
Percentage Frequency
Variation vs Temperature
-15
-10
-5
0
5
-50
-25
0
25
50
75
100
125
Temperature (oC)
VIN = 3V
Switch Current Limit vs Temperature
2.0
2.2
2.4
2.6
2.8
3.0
-50
-25
0
25
50
75
100
125
Temperature (oC)
VIN = 3V
Error Amplifier Open-Loop
Gain vs Temperature
40
45
50
55
-50
-25
0
25
50
75
100
125
Temperature (oC)
VIN = 3V
Error Amplifier
Transconductance vs Temperature
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
Temperature (oC)
VIN = 3V
Feedback Voltage vs Temperature
1.20
1.21
1.22
1.23
-50
-25
0
25
50
75
100 125
Temperature (
oC)
VIN = 3V
Efficiency vs Load Current
VOUT = 5V
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000 1200
Load Current (mA)
VIN = 3.3V
E fficiency vs Load C urrent
VOUT = 12V
20
30
40
50
60
70
80
90
100
0
200
400
600
800
Load Current (mA)
V IN = 5V
V IN = 3.3V
Switch Saturation
Voltage vs Switch Current
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
S witch Current (A)
V IN = 3V
105oC
-45oC
25oC
IN Pin Current vs Switch Current
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
S witch Current (A)
V IN = 3V
25oC
SC2308A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com