Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2308A Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2308A
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308A Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2308A Datasheet HTML 6Page - Semtech Corporation SC2308A Datasheet HTML 7Page - Semtech Corporation SC2308A Datasheet HTML 8Page - Semtech Corporation SC2308A Datasheet HTML 9Page - Semtech Corporation SC2308A Datasheet HTML 10Page - Semtech Corporation SC2308A Datasheet HTML 11Page - Semtech Corporation SC2308A Datasheet HTML 12Page - Semtech Corporation SC2308A Datasheet HTML 13Page - Semtech Corporation SC2308A Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
0
Applications Information (Continued)
SC2308A
losses in both the switch and the diode, an expression
for the maximum available output current of a boost
converter can be derived using Equation (5):
IN
CESAT
D
D
OUT
IN
LIM
)
MAX
(
OUT
V
V
V
D
V
45
D
1
V
V
I
I
(5)
Since switching losses are excluded in the derivation, the
actual output current is over-estimated in Equation (5).
Nevertheless, this calculation still provides a useful initial
approximation.
Inductor Selection
The inductor must be able to handle the peak current I
LIM.
First, the inductor should not saturate at I
LIM. Second, the
inductor needs to have low core loss at the switching fre-
quency. Inductors with ferrite cores are preferrable. More-
over, the inductor should have low DCR for low copper
loss. The inductance can be selected such that the inductor
ripple current is between 20% to 40% of its average current
for improved efficiency.
The inductance can be calculated using Equation (6):
SW
L
CESAT
IN
f
I
V
V
D
L
(6)
The Coilcraft DO336P series and the Sumida CDRH8D38NP
series inductors perform well in boost converters. The
inductors selected must be suitable for a 750kHz switch-
ing frequency.
Input Capacitor Selection
The input current in a boost converter is the inductor cur-
rent, which is continuous with low RMS current ripples.
A 2.2mF~4.7mF ceramic capacitor is adequate for most
applications. Use X5R or better ceramic capacitors, since
they have stable temperature and voltage coefficients. The
voltage rating for the input capacitor should exceed the
maximum input voltage by 0% to 25%. Murata and TDK
are two ceramic capacitor suppliers.
Output Capacitor Selection
Ceramic and low equivalent series resistance (ESR) tantalum
or polymer capacitors can be used for output filtering. In
a buck converter, the inductor ripple current flows in the
output capacitor, whereas in a boost converter, the output
capacitor current is the difference between the rectifying
diode current and the output current (Figure 4). This cur-
rent is discontinuous with high current amplitudes. For this
reason, the output ripple voltage of a boost converter is
always higher than that of a buck converter with the same
inductor current and the same output capacitor.
If tantalum or polymer capacitors are used at the converter
output, then the converter output ripple voltage will be
primarily determined by the capacitor ESR, due to the rel-
atively high ESR of these capacitors. The output voltage
ripple is the product of the peak inductor current and the
output capacitor ESR. For example, if two Sanyo 6TPG00M
(00mF, ESR=70mW) polymer capacitors are used for output
filtering, then the output peak-to-peak ripple voltage will
be 70mV, assuming a 2A peak inductor current.
Tantalum capacitor voltage derating is generally 50%.
Multi-layer ceramic capacitors, due to their extremely low
ESR (<5mΩ), are particularly well suited for output filtering.
It is worth noting that the output ripple voltage resulting
from charging and discharging of a 0μF or a 22mF ceramic
capacitor is higher than the ripple voltage resulting from
the capacitor ESR. The output ripple voltage due to charging
and discharging effects is calculated using the following
equation:
OUT
SW
OUT
OUT
C
f
DI
V
(7)
X5R and X7R ceramic capacitors are the preferred types.
Rectifying Diode
For high efficiency, Schottky barrier diodes should be
used as rectifying diodes for the SC2308A. These diodes
should have an average forward current rating at least
equal to the output current. The reverse blocking voltage
of the Schottky diode should be derated by 0%-20% for
reliability. The Schottky diode used in a 2V output step-
up converter should have a reverse voltage rating of at
least 5V (20% derating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com