Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2308A Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2308A
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308A Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2308A Datasheet HTML 9Page - Semtech Corporation SC2308A Datasheet HTML 10Page - Semtech Corporation SC2308A Datasheet HTML 11Page - Semtech Corporation SC2308A Datasheet HTML 12Page - Semtech Corporation SC2308A Datasheet HTML 13Page - Semtech Corporation SC2308A Datasheet HTML 14Page - Semtech Corporation SC2308A Datasheet HTML 15Page - Semtech Corporation SC2308A Datasheet HTML 16Page - Semtech Corporation SC2308A Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
3
SC2308A
Applications Information (Continued)
The power stage also has a right half plane (RHP) zero at:
L
2
R
D
1
f
L
2
2
z
(9)
The ESR zero frequency is:
OUT
C
3
z
C
R
2
1
f
(0)
where R
C is the ESR of the output capacitor.
R
3 and C4 form a zero at:
4
3
1
z
C
R
2
1
f
()
With the assumption that C
4>>C6 , R3 and C6 also form a
pole p
3 at frequency:
6
3
3
p
C
R
2
1
f
(2)
There is also a low-frequency integrator pole p
 formed
by C
4 and the equivalent output resistance of the trans-
conductance amplifier. The corresponding bode plots are
shown in Figure 8.
Bode Magnitude Plots of the Power Stage, the
Compensator, and the Overall Loop Gain
Figure 8.
Power-Stage
Compensator
Loop Gain
fz1
fp3
fp2
fz2
fz3
fp3,4
f
Gain (dB)
Crossover Frequency, fC
The poles p
, p2 and the RHP zero z2 all increase phase shift
in the loop response. For stable operation, the overall loop
gain should cross 0dB with -20dB/decade slope. Due to
the presence of the RHP zero, it is suggested that the 0dB
crossover frequency should not be more than
3
f
2
z .
A simple two-pole, single-zero compensator network is
adequate. The loop is compensated with R
3, C4 and C6 from
the COMP pin to ground. The compensating zero z
 pro-
vides phase boost beyond p
2. In general, the converter will
be more stable if the filter pole p
2 and the RHP zero z2 are
widely separated. The RHP zero moves to low frequency
when either the duty cycle D or the output current I
OUT
increases. It is beneficial to use small inductors and larger
output capacitors, especially when stepping up from low
V
IN to high VOUT. An optional second pole can be placed at
the power stage ESR zero to attentuate any high-frequency
noise.
Thermal Shutdown
Thermal shutdown turns off the power switch and the
control circuit as the junction temperature exceeds 60°C.
Switching resumes when the junction temperature falls
by 2°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com