Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2308A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2308A
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308A Datasheet(HTML) 1 Page - Semtech Corporation

  SC2308A Datasheet HTML 1Page - Semtech Corporation SC2308A Datasheet HTML 2Page - Semtech Corporation SC2308A Datasheet HTML 3Page - Semtech Corporation SC2308A Datasheet HTML 4Page - Semtech Corporation SC2308A Datasheet HTML 5Page - Semtech Corporation SC2308A Datasheet HTML 6Page - Semtech Corporation SC2308A Datasheet HTML 7Page - Semtech Corporation SC2308A Datasheet HTML 8Page - Semtech Corporation SC2308A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
POWER MANAGEMENT

600kHz Step-Up Switching
Regulator with 2.2A, 45V Switch
Typical Application Circuit
SC2308A
Features
Input Voltage Range: 2.6V to 20V
Boost and SEPIC Topologies
Up to 40V Output in Boost Topology
Integrated 2.2A/45V Switch
600kHz Constant Switching Frequency
Current-Mode Control Eases Compensation
Cycle-by-Cycle Current-Limiting
Internal Soft-Start
Thermal Shutdown Protection
Low Shutdown Current (<µA)
8-Pin SO Lead-Free Package
Fully WEEE and RoHS Compliant
Applications
Telecommunication Equipment
Point of Load DC-DC Converters
Portable Devices
Description
The SC2308A is a 600kHz current-mode switching regulator
with an integrated low-side 2.2A power transistor. The oper-
ating supply voltage of the SC2308A ranges from that of a
single Li-ion cell to various PC board power supplies. The
internal switch is rated at 45V, making the device suitable
for high voltage boost and SEPIC applications. The SC2308A
shuts down to less than µA of supply current.
The SC2308A uses peak current-mode PWM control for ease
of loop compensation and excellent transient response.
Cycle-by-cycle current limiting lowers power transistor
dissipation. An internal soft-start timer prevents output
overshoot and limits the input current during start-up.
Thermal shutdown prevents the chip from overheating.
Rev. 2.0
4.7µF
C1
5V
VIN
VOUT
GND
EN
IN
SW
FB
ON
OFF
SS22
D1
C2
22µF
R2
11.3k
R1
100k
12V, 0.8A
L
10µH
COMP
R3
200k
C4
470pF
SC2308A
C3
22µF
C
1: Murata GRM31CR61A475K
C
2,C3: Murata GRM31CR61C226K
L: Coilcraft DO3316P103
D
1: ON SS22
Figure 1. 5V to 12V Step-Up Converter
E fficiency vs Load C urrent
VOUT = 12V
20
30
40
50
60
70
80
90
100
0
200
400
600
800
Load Current (mA)
V IN = 5V


Similar Part No. - SC2308A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC230 SILAN-SC230 Datasheet
470Kb / 13P
GENERAL 32X3 SEG LCD DISPLAY DRIVER WITH 1/3 DUTY
logo
France Joint
SC230X260X15 FRANCEJOINT-SC230X260X15 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC2308A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
March 4, 2005
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
April 5, 2006
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
March 16, 2007
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
August 27, 2010
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com