Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSIO0-PSIO2 Datasheet(PDF) 13 Page - Exar Corporation

Part # PSIO0-PSIO2
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

PSIO0-PSIO2 Datasheet(HTML) 13 Page - Exar Corporation

Back Button PSIO0-PSIO2 Datasheet HTML 9Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 10Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 11Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 12Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 13Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 14Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 15Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 16Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
13/29
Rev. 1.0.1
FUNCTIONAL OVERVIEW
The XRP7724 is a quad-output digital pulse
width modulation (DPWM) controller with
integrated
gate
drivers
for
use
with
synchronous buck switching regulators. Each
output voltage can be programmed from 0.6V
to 5.5V without the need of an external
voltage divider. The wide range of the
programmable DPWM switching frequency
(from 105 kHz to 1.2 MHz) enables the user to
optimize for efficiency or component sizes.
Since the digital regulation loop requires no
external
passive
components,
loop
performance is not compromised due to
external component variation or operating
condition.
The XRP7724 provides a number of critical
safety
features,
such
as
Over-Current
Protection (OCP), Over-Voltage
Protection
(OVP), Over Temperature Protection (OTP)
plus input Under Voltage Lockout (UVLO). In
addition, a number of key health monitoring
features such as warning level flags for the
safety functions, Power Goods (PGOOD), etc.,
plus full monitoring of system voltages and
currents. The above are all programmable
and/or readable from the SMBus and many
are steerable to the GPIOs for hardware
monitoring.
For hardware communication, the XRP7724
has two logic level General Purpose Input-
Output (GPIO) pins and three, 15V, open
drain, Power System Input-Output (PSIO)
pins. Two pins are dedicated to the SMBus
data (SDA) and clock (SCL). Additional pins
include Chip Enable (Enable), Aux Boost
Feedback (BFB) and External PLL Capacitor
(CPLL).
In addition to providing four switching outputs,
the XRP7724 also provides control for an Aux
boost
supply,
and
two
stand-by
linear
regulators that produce 5V and 3.3V for a total
of 7 customer usable supplies in a single
device.
The 5V LDO is used for internal power and is
also available for customer use to power
external circuitry. The 3.3V LDO is solely for
customer use and is not used by the chip.
There is also a 1.8V linear which is for internal
use only and should not be used externally.
A key feature of the XRP7724 is its powerful
power
management capabilities. All four
outputs are independently programmable and
gives the user not only full control of the
delay, ramp, and sequence during power up
and power down. One can also control of how
the outputs interact and power down in the
event of a fault.
This includes active ramp
down of the output voltages to remove an
output voltage as quickly as possible. Another
nice feature is that the outputs can be defined
and controlled as groups.
The
XRP7724
has
two
main
types
of
programmable memory. The first types are
runtime registers that contain configuration,
control and monitoring information for the
chip. The second type is rewritable Non-
Volatile Flash Memory (NVFM) that is used for
permanent storage of the configuration data
along with various chip internal functions.
During power up the run time registers are
loaded from the NVFM allowing for standalone
operation.
The XRP7724 brings an extremely high level of
functionality
and
performance
to
a
programmable
power
system.
Ever
decreasing
product
budgets
require
the
designer
to
quickly
make
good
cost/performance
tradeoffs
to
be
truly
successful.
By
incorporating
4
switching
channels, two user LDOs, a charge pump
boost controller, along with internal gate
drivers, all in a single package, the XRP7724
allows for extremely cost effective power
system designs.
Another key cost factor to
put into the cost tradeoffs, which is often
overlooked, is the unanticipated Engineering
Change Order (ECO). The programmable
versatility of the XRP7724, along with the lack
of
hard
wired,
on
board
configuration
components, allows for minor and major
changes to be made, in circuit, on the board
by simple reprogramming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com