Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSIO0-PSIO2 Datasheet(PDF) 16 Page - Exar Corporation

Part # PSIO0-PSIO2
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

PSIO0-PSIO2 Datasheet(HTML) 16 Page - Exar Corporation

Back Button PSIO0-PSIO2 Datasheet HTML 12Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 13Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 14Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 15Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 16Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 17Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 18Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 19Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
16/29
Rev. 1.0.1
mostly on the board design and on the
manufacturer and construction details of the
components. Proper selection of components
can reduce the sound to very low levels. In
general Ultrasonic Mode is not used unless
required as it reduces light load efficiency.
Ultrasonic Mode
Ultrasonic mode is an extension of PFM to
ensure that the switching frequency never
enters the audible range. When this mode is
entered, the switching frequency is set to
30kHz and the duty cycle of the upper and
lower FETs, which are fixed in PFM mode, are
decreased as required to keep the output
voltage in regulation while maintaining the
30kHz switching frequency.
Under extremely light or zero load currents,
the GH on time pulse width can decrease to its
minimum width. When this happens, the lower
FET on time is increased slightly to allow a
small amount of reverse inductor to flow back
into Vin to keep the output voltage in
regulation while maintaining the switching
frequency above the audio range.
Oversampling OVS Mode
Oversampling (OVS) mode is a feature added
to
the
XRP7724
to
improve
transient
responses. This mode can only be enabled
when the channel switching frequency is
operating in 1x frequency mode. In OVS mode
the output voltage is sampled 4 times per
switching cycle and is monitored by the AFE
window comparator. If the voltage goes
outside the set high or low limits, the OVS
control electronics can immediately modify the
pulse width of the GH or GL drivers to respond
accordingly, without having to wait for the
next cycle to start. OVS has two types of
response depending on whether the high limit
is exceeded during an unloading transient
(Over Voltage), or the low limit is exceeded
during a loading transient (Under Voltage).
Under Voltage OVS: If there is an increasing
current load step, the output voltage will drop
until the regulator loop adapts to the new
conditions to return the voltage to the correct
level. Depending on where in the switching
cycle the load step happens there can be a
delay of up to one switching cycle before the
control loop can respond. With OVS enabled if
output voltage drops below the lower level, an
immediate GH pulse will be generated and
sent to the driver to increase the output
inductor current toward the new load level
without having to wait for the next cycle to
begin. If the output voltage is still below the
lower limit at the beginning of the next cycle,
OVS will work in conjunction with the PID to
insert additional GH pulses to quickly return
the output voltage back within its regulation
band. The result of this system is transient
response capabilities on par or exceeding
those of a constant on-time control loop.
Over Voltage OVS: When there is a step load
current decrease, the output voltage will
increase (bump up) as the excess inductor
current that is no longer used by the load,
flows into the output capacitors causing the
output voltage to rise.
The voltage will
continue to rise until the inductor current
decreases to the new load current. With OVS
enabled, if the output voltage exceeds the
high limit of the window comparator, a
blanking pulse is generated to truncate the GH
signal.
This
causes
inductor
current
to
immediately begin decreasing to the new load
level. The GH will continue to be blanked until
the output voltage falls below the high limit.
Again, since the output voltage is sampled at
four times the switching frequency, over shoot
will be decreased and the time required to get
back
into
the
regulation
band
is
also
decreased.
OVS can be used in conjunction with both the
PWM and PFM operating modes. When it is
activated it can noticeably decrease output
voltage excursions when transitioning between
PWM and PFM modes.
INTERNAL DRIVERS
The internal high and low gate drivers use
totem pole FETs for high drive capability. They
are powered by two external 5V power pins
(VCCD1-2) and (VCCD3-4), VCCD1-2 powers
the drivers for channels 1 and 2 and VCCD3-4
powers channels 3 and 4. The drivers can be
powered by the internal 5V LDO by connecting
their power pins to the LDO5 output through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com