Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSIO0-PSIO2 Datasheet(PDF) 23 Page - Exar Corporation

Part # PSIO0-PSIO2
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

PSIO0-PSIO2 Datasheet(HTML) 23 Page - Exar Corporation

Back Button PSIO0-PSIO2 Datasheet HTML 19Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 20Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 21Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 22Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 23Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 24Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 25Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 26Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
23/29
Rev. 1.0.1
In the case of shutting down the faulting
channel and auto-restarting, the user has an
option to specify startup timeout (the time in
which the fault is validated) and hiccup
timeout (the period after which the controller
will try to restart the channel) periods in 1
msec increments with a maximum value of
255 msec.
Note: a channel will share a response to an
OCP or OVP event.
Start-up Time-out Fault
A channel will be at Start-up Time-out Fault if
it does not come-up in a time period specified
in the “Startup Timeout” box. In addition, a
channel is at Start-up Timeout Fault if in pre-
bias configuration voltage is a defined value
too close to the target.
When the fault is generated, the host will be
notified
by
the
SUPPLY_FAULT_EVENT
interrupt generated by the controller. The
host then can use an I2C command to check
which channel is at fault.
LDO5 OCP
When current is drawn from LDO5 exceeds
LDO5 current limit the controller gets reset.
LDO3.3 OCP
When current drawn from LDO3.3 exceeds
LDO3.3 current limit the regulator gets shut
down, a fault is generated, and the host will
be notified by the SUPPLY_FAULT_EVENT
interrupt generated by the controller. The
host then can through
an I2C command
check which channel/regulator is at fault.
Once the fault condition is removed, the host
needs to turn the regulator on again.
V5EXT SWITCHOVER
The V5EXT gives a user an opportunity to
supply an external 5 Volt rail to the controller
in order to reduce the controller’s power
dissipation. The 5 Volt rail can be an
independent power rail present in a system or
any of 7724 channels regulated to 5 Volts (in
the PFM mode in particular) and routed back
to the V5EXT pin. It is important to mention
that voltage to Vcc must be applied all the
time even after the switchover in which case
the current drawn from Vcc supply will be
minimal.
If the function not used, we recommend the
pin to be either grounded or left floating in
conjunction with making sure the function
gets disabled through register settings.
V5EXT switchover control
The
function
is
enabled
in
PA5.
The
switchover thresholds are programmable in
50mV steps with a total range of 200mV.
Hysteresis to go in-out is 150mV. LDO5
automatically turns off when the external
voltage is switched in and turns on when the
external voltage drops below the lower
threshold.
When the controller switches over to the
V5EXT rail, the V5EXT_RISE interrupt is
generated to inform the host. Similarly, when
the controller switches out, the V5EXT_FALL
interrupt gets generated.
EXTERNAL CLOCK SYNCHRONIZATION
XRP7724 can be run off an external clock
available in the system or another XRP7724.
The external clock must be in the ranges of
10.9MHz to 14.7MHz or 21.8MHz to 29.6MHz.
Locking to the external clock is done through
an internal Phase Lock Loop (PLL) which
requires an external loop capacitor of 2.2nF to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com