Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSIO0-PSIO2 Datasheet(PDF) 15 Page - Exar Corporation

Part # PSIO0-PSIO2
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

PSIO0-PSIO2 Datasheet(HTML) 15 Page - Exar Corporation

Back Button PSIO0-PSIO2 Datasheet HTML 11Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 12Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 13Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 14Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 15Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 16Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 17Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 18Page - Exar Corporation PSIO0-PSIO2 Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
15/29
Rev. 1.0.1
coefficients the PID also uses the Vin voltage
to provide a feed forward function.
The XRP7724 DPWM includes a special delay
timing loop that gives a timing resolution that
is 16 times the master oscillator frequency
(103MHz) for a timing resolution of 607ns for
both the driver pulse width and dead time
delays. The DWPM creates and outputs the
Gate High (GH) and Gate Low (GL) signals to
the driver. The maximum and minimum on
times and dead time delays are programmable
by configuration resisters.
To provide current information, the output
inductor current is measured by a differential
amplifier that reads the voltage drop across
the RDS of lower FET during its on time. There
are two selectable ranges, a low range with a
gain of 8 for a +20mV to -120 mV range and a
high range with a gain of 4 for +40mV to -
280mV range. The optimum range to use will
depend on the maximum output current and
the RDS of the lower FET. The measured
voltage is then converted to a digital value by
the current ADC block. The resulting current
value is stored in a readable register and also
used to determine when PWM to PFM
transitions should occur.
PFM mode loop
The XRP7724 has a PFM loop that can be
enabled to improve efficiency at light loads.
By reducing switching frequency and operating
in the discontinuous conduction mode (DCM),
both switching and I2R losses are minimized.
Figure 17 shows a functional diagram of the
PFM logic.
# Cycles Reg
Default = 20
PFM Current
Threshold Reg
A
A<B
B
IADC
CHx Fsw
A
A<B
B
+
-
+
-
+
-
VREF HIGH
VREF
VREF LOW
VOUT
Q
Q
R
S
PFM EXIT
TRIGGER PULSE
PFM MODE
PWM MODE
COUNTER
Clear
Clk
Fig 17: PFM Enter/Exit Functional Diagram
The PFM loop works in conjunction with the
PWM loop and is entered when the output
current falls below a programmed threshold
level for a programmed number of cycles.
When PFM mode is entered, the PWM loop is
disabled and instead, the scaled output
voltage is compared to Vref with a window
comparator. The window comparator has three
thresholds; normal (Vref), high (Vref +
%high) and low (Vref - %low). The %high and
%low values are programmable and track
Vref.
In PFM mode, the normal comparator is used
to regulate the output voltage. If the output
voltage falls below the Vref level, the
comparator is activated and triggers the
DPWM to start a switching cycle. When the
high side FET is turned on, the inductor
current ramps up which charges up the output
capacitors and increasing their voltage. After
the completion of the high side and low side
on-times, the lower FET is turned off to inhibit
any inductor reverse current flow. The load
current then discharges the output capacitors
until the output voltage falls below Vref and
the normal comparator is activated this then
triggers the DPWM to start the next switching
cycle. The time from the end of the switching
cycle to the next trigger is referred to as the
dead zone.
This PFM methodology ensures
output voltage ripple does not increase from
PWM to PFM.
When PFM mode is initially entered the
switching duty cycle is the same that it was in
PWM mode. The cause the inductor ripple
current to be the same level that it was in
PWM mode. During operation the PFM duty
cycle is calculated based on the ratio of the
output voltage to VCC.
If the output voltage ever goes outside the
high/low windows, PFM mode is exited and the
PWM loop is reactivated.
Although the PFM mode does a good job in
improving efficiency at light load, at very light
loads the dead zone time can increase to the
point where the switching frequency can enter
the audio hearing range. When this happens
some components, like the output inductor
and ceramic capacitors, can emit audible
noise.
The amplitude of the noise depends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com