Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3152 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3152
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3152 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3152 Datasheet HTML 2Page - Analog Devices ADP3152 Datasheet HTML 3Page - Analog Devices ADP3152 Datasheet HTML 4Page - Analog Devices ADP3152 Datasheet HTML 5Page - Analog Devices ADP3152 Datasheet HTML 6Page - Analog Devices ADP3152 Datasheet HTML 7Page - Analog Devices ADP3152 Datasheet HTML 8Page - Analog Devices ADP3152 Datasheet HTML 9Page - Analog Devices ADP3152 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3152
–6–
REV. 0
VCC
SD
DRIVE1
SENSE+
SENSE–
DRIVE2
PGND
VID0–
VID4
AGND
CT
CMP
12V
1k
5-BIT
CODE
+
1 F
4700pF
0.1 F
VOUT
1.2V
100k
0.1 F
ADP3152
OP27
Figure 13. Closed-Loop Test Circuit for Accuracy
APPLICATION INFORMATION
The ADP3152 uses a current-mode, constant-off-time control
technique to switch a pair of external N-channel MOSFETs in
a synchronous rectified buck converter application. Due to the
constant-off-time operation, no slope compensation is needed.
A unique feature of the constant-off-time control technique is
that the converter’s frequency becomes a function of the ratio of
input voltage to output voltage. The off time is determined by
the value of the external capacitor connected to the CT pin.
The on time varies in such a way that a regulated output volt-
age is maintained.
The output voltage is sensed by an internal voltage divider that
is connected to the Sense– pin. A voltage-error amplifier gm
compares the values of the divided output voltage with a refer-
ence voltage. The reference voltage is set by an onboard 5-bit
DAC, which reads the code present at the voltage identification
(VID) pins and converts it to a precise value between 600 mV
and 1.167 V. Refer to Table I for the output voltage vs. VID pin
code information.
During continuous-inductor-current mode of operation, the
voltage-error amplifier gm and the current comparator CMPI
are the main control elements. During the on time of the high
side MOSFET, the current comparator CMPI monitors the
voltage between the Sense+ and Sense– pins. When the voltage
level between the two pins reaches the threshold level VT1, the
high side drive output is switched to zero, which turns off the
high side MOSFET. The timing capacitor CT is now discharged
at a rate determined by the off time controller. In order to
maintain a ripple current in the inductor, which is independent
of the output voltage, the discharge current is made propor-
tional to the value of the output voltage (measured at the
Sense– pin). While the timing capacitor is discharging, the low
side drive output goes high, turning on the low side MOSFET.
When the voltage level on the timing capacitor has discharged
to the threshold voltage level VT2, comparator CMPT resets
the SR flip-flop. The output of the flip-flop forces the low side
drive output to go low and the high side drive output to go high.
As a result, the low side switch is turned off and the high side
switch is turned on. The sequence is then repeated. As the load
current increases, the output voltage starts to decrease. This
causes an increase in the output of the voltage-error amplifier,
which, in turn, leads to an increase in the current comparator
threshold VT1, thus tracking the load current.
Table I. Output Voltage vs. VID Code
VID4
VID3
VID2
VID1
VID0
VOUT
0
1
1
1
1
1.80
0
1
1
1
0
1.80
0
1
1
0
1
1.80
0
1
1
0
0
1.80
0
1
0
1
1
1.80
0
1
0
1
0
1.80
0
1
0
0
1
1.80
0
1
0
0
0
1.80
0
0
1
1
1
1.80
0
0
1
1
0
1.80
0
0
1
0
1
1.80
0
0
1
0
0
1.85
0
0
0
1
1
1.90
0
0
0
1
0
1.95
0
0
0
0
1
2.00
0
0
0
0
0
2.05
1
1
1
1
1
Shutdown
1
1
1
1
0
2.10
1
1
1
0
1
2.20
1
1
1
0
0
2.30
1
1
0
1
1
2.40
1
1
0
1
0
2.50
1
1
0
0
1
2.60
1
1
0
0
0
2.70
1
0
1
1
1
2.80
1
0
1
1
0
2.90
1
0
1
0
1
3.00
1
0
1
0
0
3.10
1
0
0
1
1
3.20
1
0
0
1
0
3.30
1
0
0
0
1
3.40
1
0
0
0
0
3.50
To prevent cross conduction of the external MOSFETs, feed-
back is incorporated to sense the state of the driver output pins.
Before the low side drive output can go high, the high side drive
output must be low. Likewise, the high side drive output is
unable to go high while the low side drive output is high.
Power Good
The ADP3152 has an internal monitor which monitors the
output voltage and drives the PWRGD pin of the device. This
pin is an open drain output whose high level (when connected
to a pull-up resistor) indicates that the output voltage has been
within a
±5% regulation band of the targeted value for more
than 500
µs. The PWRGD pin will go low if the output is out-
side the regulation band for more than 500
µs.
Output Crowbar
An added feature of using an N-channel MOSFET as the syn-
chronous switch is the ability to crowbar the output with the
same MOSFET. If the output voltage is 15% greater than the
desired regulated value, the ADP3152 will turn on the lower
MOSFET, which will current-limit the source power supply or
blow its fuse, pull down the output voltage, and thus save the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com