Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3152 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3152
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3152 Datasheet(HTML) 2 Page - Analog Devices

  ADP3152 Datasheet HTML 1Page - Analog Devices ADP3152 Datasheet HTML 2Page - Analog Devices ADP3152 Datasheet HTML 3Page - Analog Devices ADP3152 Datasheet HTML 4Page - Analog Devices ADP3152 Datasheet HTML 5Page - Analog Devices ADP3152 Datasheet HTML 6Page - Analog Devices ADP3152 Datasheet HTML 7Page - Analog Devices ADP3152 Datasheet HTML 8Page - Analog Devices ADP3152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
ADP3152–SPECIFICATIONS (0 C ≤ T
A
≤ +70 C, V
CC = 12 V, VIN = 5 V, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT ACCURACY
1.8 V Output Voltage
VO
With Respect to Nominal
–1.0
1.0
%
2.8 V Output Voltage
Output Voltage (Figure 13)
–1.0
1.0
%
3.5 V Output Voltage
–1.0
1.0
%
OUTPUT VOLTAGE LINE
∆V
O
ILOAD = 10 A (Figure 2)
REGULATION
VIN = 4.75 V to 5.25 V
0.05
%
OUTPUT VOLTAGE LOAD
∆V
O
(Figure 2)
REGULATION
200 mA < ILOAD < 14 A
0.1
%
INPUT DC SUPPLY CURRENT
1
Normal Mode
IQ
VSD = 0.8 V
3.7
4.5
mA
Shutdown
TA = +25
°C, VID Pins Floating
140
250
µA
CURRENT SENSE THRESHOLD
VOLTAGE
V8–V7
V7 Forced to VOUT – 3%
125
145
165
mV
VID PINS THRESHOLD
V16, V1–V4
Low
0.6
V
High
2.0
V
VID PINS INPUT CURRENT
I16, I1–I4
VID = 0 V
110
220
µA
VID0–VID4 PULL-UP RESISTANCE
RVID
20
30
k
CT PIN DISCHARGE CURRENT
I9
TA = +25
°C
VOUT in Regulation
65
µA
VOUT = 0 V
2
10
µA
OFFTIME
tOFF
CT = 150 pF
1.8
2.45
3.2
µs
DRIVER OUTPUT TRANSITION
tR, tF
CL = 7000 pF (Pins 13, 14)
TIMES
TA = +25
°C
120
200
ns
POSITIVE POWER GOOD TRIP POINT
VPWRGD
Output Coming Into Regulation
5
8
%
NEGATIVE POWER GOOD TRIP POINT
VPWRGD
Output Coming Into Regulation
–8
–5
%
POWER GOOD RESPONSE TIME
tPWRGD
500
µs
CROWBAR TRIP POINT
VCROWBAR
% Above Output Voltage
9
15
24
%
ERROR AMPLIFIER
OUTPUT IMPEDANCE
ROERR
145
k
ERROR AMPLIFIER
TRANSCONDUCTANCE
GMERR
2.2
mmho
ERROR AMPLIFIER MINIMUM
OUTPUT VOLTAGE
VCMPMIN
V7 Forced to VOUT + 3%
0.8
V
ERROR AMPLIFIER MAXIMUM
OUTPUT VOLTAGE
VCMPMAX
V7 Forced to VOUT – 3%
2.4
V
ERROR AMPLIFIER BANDWIDTH –3 dB
BWERR
CMP = Open
500
kHz
SHUTDOWN (SD) PIN
Low Threshold
SDL
Part Active
0.6
V
High Threshold
SDH
Part in Shutdown
2.0
V
Input Current
SDIB
10
µA
NOTES
1Dynamic supply current is higher due to the gate charge being delivered to the external MOSFETS.
All limits at temperature extremes are guaranteed via correlation using standard quality control methods.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com