Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3152 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3152
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3152 Datasheet(HTML) 4 Page - Analog Devices

  ADP3152 Datasheet HTML 1Page - Analog Devices ADP3152 Datasheet HTML 2Page - Analog Devices ADP3152 Datasheet HTML 3Page - Analog Devices ADP3152 Datasheet HTML 4Page - Analog Devices ADP3152 Datasheet HTML 5Page - Analog Devices ADP3152 Datasheet HTML 6Page - Analog Devices ADP3152 Datasheet HTML 7Page - Analog Devices ADP3152 Datasheet HTML 8Page - Analog Devices ADP3152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP3152
–4–
REV. 0
VID1
VID2
VID3
VID4
AGND
SD
SENSE–
SENSE+
VID0
PGND
DRIVE1
DRIVE2
VCC
PWRGD
CMP
CT
ADP3152
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1nF
P
SYSTEM
R1
150k
R2
39k
CT
150pF
+
22 F
1 F
22
IRL3103
IRL3103
10BQ015
++
+
+
1 F
3
2700 F/10V
L2
1.7 H
L1
2.5 H
RSENSE
6.7m
+
+
+
+
+
+
2700 F
6 (10V)
VO
1.8V–3.5V
0-14A
RTN
220
220
100k
VCC + 12V
VIN + 5V
+5V RTN
+12V RTN
2nF
CCOMP
Figure 2. Typical Application for Pentium II
gm
NONOVERLAP
DRIVE
IN
CROWBAR
12
14
13
15
SD
VCC DRIVE1 DRIVE2 PGND
VREF + 15%
11
5
AGND
PWRGD
SENSE+
DELAY
VREF + 5% VREF – 5%
7
SENSE–
2R
ADP3152
CMPI
DAC
CMP
1.20V
16
VID0
1
VID1
2
VID2
3
VID3
4
VID4
VREF
VT1
CMPT
VT2
9
CT
OFF-TIME
CONTROL
SENSE–
6
8
REFERENCE
R
10
S
R
Q
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com