Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3152 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3152
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3152 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3152 Datasheet HTML 4Page - Analog Devices ADP3152 Datasheet HTML 5Page - Analog Devices ADP3152 Datasheet HTML 6Page - Analog Devices ADP3152 Datasheet HTML 7Page - Analog Devices ADP3152 Datasheet HTML 8Page - Analog Devices ADP3152 Datasheet HTML 9Page - Analog Devices ADP3152 Datasheet HTML 10Page - Analog Devices ADP3152 Datasheet HTML 11Page - Analog Devices ADP3152 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADP3152
–9–
REV. 0
The minimum input voltage dictates whether standard threshold
or logic-level threshold MOSFETs must be used. For VIN > 8 V,
standard threshold MOSFETs (VGS(TH) < 4 V) may be used. If
VIN is expected to drop below 8 V, logic-level threshold MOSFETs
(VGS(TH) < 2.5 V) are strongly recommended. Only logic-level
MOSFETs with VGS ratings higher than the absolute maximum
of VCC should be used.
The maximum output current IOMAX determines the RDS(ON)
requirement for the two power MOSFETs. When the ADP3152
is operating in continuous mode, the simplifying assumption can
be made that one of the two MOSFETs is always conducting
the average load current.
For VIN = 5 V and VO = 2.8 V, the maximum duty ratio of the
high side FET is:
DMAXHF = (1–fMIN
× t
OFF) =(1–160 kHz
× 2.2 µs) = 65%
The maximum duty ratio of the low side (synchronous rectifier)
FET is:
DMAXLF = 1 – DMAXHF = 35%
The maximum rms current of the high side FET is:
IRMSLS = [DMAXHF (ILVALLEY
2 + I
LPEAK
2 + I
LVALLEYILPEAK)/3]
0.5
= 11.5 Arms
The maximum rms current of the low side FET is:
IRMSLS = [DMAXLF (ILVALLEY
2 + I
LPEAK
2 + I
LVALLEYILPEAK)/3]
0.5
= 8.41 Arms
The RDS(ON) for each FET can be derived from the allowable
dissipation. If we allow 5% of the maximum output power for
FET dissipation, the total dissipation will be:
PFETALL = 0.05 VOIOMAX = 2 W
Allocating two-thirds of the total dissipation for the high side
FET and one-third for the low side FET, the required minimum
FET resistances will be:
RDS(ON)HSF(MIN) = 1.33/11.5
2 = 10 m
Ω
RDS(ON)LSF(MIN) = 0.67/8.41
2 = 9.5 m
Ω
Note that there is a tradeoff between converter efficiency and
cost. Larger FETs reduce the conduction losses and allow higher
efficiency but lead to increased cost. If efficiency is not a major
concern the Fairchild MOSFET NDP6030L or International
Rectifier IRL3103 is an economical choice for both the high side
and low side positions. Those devices have an RDS(ON) of 14 m
Ω
at VGS = 10 V and at 25
°C. The low side FET is turned on with
at least 10 V. The high side FET, however, is turned on with
only 12 V – 5 V = 7 V. If we check the typical output character-
istics of the device in the data sheet, we find that for an output
current of 10 A, and at a VGS of 7 V, the VDS is 0.15 V, which
gives a RDS(ON) = VDS/ID = 15 m
Ω. This value is only slightly
above the one specified at a VGS of 10 V, so the resistance in-
crease due to the reduced gate drive can be neglected. We have
to modify, however, the specified RDS(ON) at the expected high-
est FET junction temperature of 140
°C by a R
DS(ON) multiplier,
using the graph in the data sheet. In our case:
RDS(ON)MULT = 1.7
Using this multiplier, the expected RDS(ON) at 140
°C is 1.7 × 14
= 24 m
Ω.
The high side FET dissipation is:
PDFETHS = IRMSHS
2R
DS(ON) + 0.5 VINILPEAKQGfMAX/IG = 3.72 W
where the second term represents the turn-off loss of the FET.
(In the second term, QG is the gate charge to be removed from
the gate for turn-off and IG is the gate current. From the data
sheet, QG is about 50 nC –70 nC and the gate drive current
provided by the ADP3152 is about 1 A.)
The low side FET dissipation is:
PDFETLS = IRMSLS
2R
DS(ON) = 1.7 W
(Note that there are no switching losses in the low side FET.)
To remove the dissipation of the chosen FETs, proper heatsinks
should be used. The Thermalloy 6030 heatsink has a thermal
impedance of 13
°C/W with convection cooling. With this heat-
sink, the junction-to-ambient thermal impedance of the chosen
high side FET
θ
JAHS will be 13 (heatsink-to-ambient) + 2 (junc-
tion-to-case) + 0.5 (case-to-heatsink) = 15.5
°C/W.
At full load and at 50
°C ambient temperature, the junction
temperature of the high side FET is:
TJHSMAX = TA + θJAHS PDFETHS = 105°C
A smaller heatsink may be used for the low side FET, e.g., the
Thermalloy type 7141 (
θ = 20.3°C/W). With this heatsink, the
thermal impedance
θ
JALS for the low side FET = 33.8
°C/W.
The low side FET junction temperature is:
TJLSMAX = TA + θJALS PDFETLS = 106°C
All of the above calculated junction temperatures are safely
below the 175
°C maximum specified junction temperature of
the selected FET.
The maximum operating junction temperature of the ADP3152
is calculated as follows:
TJICMAX = TA + θJA (IICVCC + PDR)
where
θ
JA is the junction to ambient thermal impedance of the
ADP3152 and PDR is the drive power. From the data sheet,
θ
JA
is equal to 110
°C/W and I
IC = 2.7 mA. PDR can be calculated as
follows:
PDR = (CRSS + CISS)VCC
2 f
MAX = 307 mW
The result is:
TJICMAX = 86°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com